Electronic Components Datasheet Search
  English  ▼

X  

ML9472 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ML9472
Description  Static,1/2Duty 60 Output LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9472 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ML9472 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
FEDL9472-02
LAPIS Semiconductor
ML9472
7/18
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD = 3.0 to 5.5 V, Ta = 40 to 105C, unless otherwise specified)
Parameter
Symbol
Applicable pin
Condition
Min.
Max.
Unit
“H” Input Voltage
VIH
—
0.8 VDD
VDD
V
“L” Input Voltage
VIL
—
GND
0.2 VDD
V
“H” Input Current
IIH
VI = VDD
—
1
A
“L” Input Current
IIL
SEG_TEST,
BLANK, LOAD,
DATA_IN,
CLOCK, D/S,
EXT/INT,
OSC_IN
VI = 0 V
1
—
A
VOH1
DATA_OUT1
DATA_OUT2
COM_OUT
IO = 100 A, VDD = 5.0 V
4.5
—
V
“H” Output Voltage
VOH2
OSC_OUT
OSC_OUT
IO = 200 A, VDD = 5.0 V
4.5
—
V
VOL1
DATA_OUT1
DATA_OUT2
COM_OUT
IO = 100 A, VDD = 5.0 V
—
0.5
V
VOL2
OSC_OUT
OSC_OUT
IO = 200 A, VDD = 5.0V
—
0.5
V
“L” Output Voltage
VOL3
SYNC
IO = 250 A, VDD = 5.0 V
—
0.8
V
VOCH
COM_A
COM_B
VDD = 5.0 V, VLC1 = 2.5 V, VLC2 = 0 V,
IO = 150 A
4.8
—
V
VOCM
COM_A
COM_B
VDD = 5.0 V, VLC1 = 2.5 V, VLC2 = 0 V,
IO = 150 A
2.3
2.7
V
COMMON
Output Voltage
VOCL
COM_A
COM_B
VDD = 5.0 V, VLC1 = 2.5 V, VLC2 = 0 V,
IO = 150 A
—
0.2
V
VOSH
IO = 30 A
4.8
—
V
Segment
Output
Voltage
VOSL
SEG1 - SEG60
VDD = 5.0 V,
VLC1 = 2.5 V
VLC2 =0 V
IO = 30 A
—
0.2
V
Output
Leakage
Current
ILO
SYNC
VDD = 5.0 V and VO = 5 V when
internal Tr is off
—
5
A
Segment
Output
Impedance
RSEG
SEG1 – SEG60 VDD = 5.0 V, VLC1 = 2.5V, VLC2 = 0V
—
10
k
Common
Output
Impedance
RCOM
COM_A
COM_B
VDD = 5.0 V, VLC1 = 2.5V, VLC2 = 0V
—
1.5
k
Static
Supply
Current
IDD1
VDD
Fix all input levels at either VDD or
GND
—
100
A
Dynamic
Supply
Current
IDD2
VDD
VDD = 5.0V, No load.
R0 = 100 k,
C0 = 0.01 F, R1 = 1 M
—
0.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com