Electronic Components Datasheet Search
  English  ▼

X  

ML9472 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ML9472
Description  Static,1/2Duty 60 Output LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9472 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ML9472 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
FEDL9472-02
LAPIS Semiconductor
ML9472
8/18
AC Characteristics
(VDD = 3 to 5.5 V, Ta = 40 to 105C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Clock “H” Time
tWHC
—
70
—
—
ns
Clock “L” Time
tWLC
—
70
—
—
ns
Data Set-up Time
tDS
—
50
—
—
ns
Data Hold Time
tDH
—
50
—
—
ns
Load “H” Time
tWHL
—
100
—
—
ns
Clock-to-load Time
tCL
—
100
—
—
ns
Load-to-Clock Time
tLC
—
100
—
—
ns
“H”, “L” Propagation Delay
Time
tPHL
tPLH
Load capacitance of
DATA_OUT1, DATA_OUT2:
15 pF
—
—
0.14
s
Clock Rise time, Fall time
tr1, tf1
—
—
—
50
ns
SYNC Pulse “L” Time
tS
—
0.2
—
—
s
OSC_IN Input Frequency
fOSC
—
—
—
5
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com