Electronic Components Datasheet Search
  English  ▼

X  

ML9472 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ML9472
Description  Static,1/2Duty 60 Output LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9472 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ML9472 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
FEDL9472-02
LAPIS Semiconductor
ML9472
5/18
Symbol
Type
Description
COM_A
COM_B
O
O
LCD driving common signals is output from these pins.
These pins should be
connected to the COMMON side of the LCD panel.
- In the static display mode
A pulse in phase with the COM_OUT is output from both COM_A and COM_B. In
this case, the high level is VDD, and the low level is VLC2.
- In the 1/2 duty dynamic display mode
The COM_A and COM_B output signals are alternately changed within each
COM_OUT output cycle, resulting in alternate repetition of select and non-select
modes.
SEG1 to
SEG60
O
Display output pins for LCD. Theses pins are connected to the SEGMENT side of the
LCD panel. For the correspondence between the output of these pins and input data,
see Section, “Data Structure”.
VLC1, VLC2
—
Bias pins for LCD driver. Through these pins, bias voltages for the LCD are externally
supplied.
In the static display mode, VLC1 should be open.
VLC1 = VDD /2
VDD > VLC1 > VLC2 = GND
VDD, GND
—
Supply voltage pin and ground pin.
Note: Built-in schmitt circuit is used for all input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com