Electronic Components Datasheet Search
  English  ▼

X  

RL78G13 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RL78G13
Description  Serial Array Unit
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78G13 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RL78G13 Datasheet HTML 1Page - Renesas Technology Corp RL78G13 Datasheet HTML 2Page - Renesas Technology Corp RL78G13 Datasheet HTML 3Page - Renesas Technology Corp RL78G13 Datasheet HTML 4Page - Renesas Technology Corp RL78G13 Datasheet HTML 5Page - Renesas Technology Corp RL78G13 Datasheet HTML 6Page - Renesas Technology Corp RL78G13 Datasheet HTML 7Page - Renesas Technology Corp RL78G13 Datasheet HTML 8Page - Renesas Technology Corp RL78G13 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
RL78/G13
Serial Array Unit (UART Communication)
R01AN0459EJ0200
Rev. 2.00
Page 5 of 43
2014.03.24
2.
Operation Check Conditions
The sample code contained in this application note has been checked under the conditions listed in the table below.
Table 2.1
Operation Check Conditions
Item
Description
Microcontroller used
RL78/G13 (R5F100LEA)
Operating frequency
 High-speed on-chip oscillator (HOCO) clock: 32 MHz
 CPU/peripheral hardware clock: 32 MHz
Operating voltage
5.0 V (can run on a voltage range of 2.9 V to 5.5 V.)
LVD operation (VLVI): Reset mode 2.81 V (2.76 V to 2.87 V)
Integrated development
environment (CubeSuite+)
CubeSuite + V1.00.01
C compiler (CubeSuite+)
CA78K0R V1.20
Integrated development
environment
(e2studio)
e2studio V2.0.1.3
C compiler
(e2studio)
KPIT GNURL78-ELF Toolchain V13.02
Integrated development
environment
(IAR)
IAR Embedded Workbench for Renesas RL78 V1.30.2
C compiler
(IAR)
IAR C/C++ Compiler for Renesas RL78 V1.30.2.50607
3.
Related Application Note
The application note that is related to this application note is listed below for reference.
RL78/G13 Initialization (R01AN0451EJ0100) Application Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com