Electronic Components Datasheet Search
  English  ▼

X  

RL78G13 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # RL78G13
Description  Serial Array Unit
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78G13 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button RL78G13 Datasheet HTML 21Page - Renesas Technology Corp RL78G13 Datasheet HTML 22Page - Renesas Technology Corp RL78G13 Datasheet HTML 23Page - Renesas Technology Corp RL78G13 Datasheet HTML 24Page - Renesas Technology Corp RL78G13 Datasheet HTML 25Page - Renesas Technology Corp RL78G13 Datasheet HTML 26Page - Renesas Technology Corp RL78G13 Datasheet HTML 27Page - Renesas Technology Corp RL78G13 Datasheet HTML 28Page - Renesas Technology Corp RL78G13 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
RL78/G13
Serial Array Unit (UART Communication)
R01AN0459EJ0200
Rev. 2.00
Page 25 of 43
2014.03.24
Serial communication operation setting register 01 (SCR01)
Data length setting, data transfer order, error interrupt signal mask availability, and operation mode
Reception channel communication operation setting
Symbol: SCR01
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TXE
01
RXE
01
DAP
01
CKP
01
0
EOC
01
PTC
011
PTC
010
DIR
01
0
SLC
011
SLC
010
0
1
DLS
011
DLS
010
0
1
0
0
0
1
1
0
1
0
0
1
0
1
1
1
Bits 15 and 14
TXE01 RXE01
Channel 1 operation mode setting
0
0
Communication prohibited
0
1
Reception only
1
0
Transmission only
1
1
Both transmission and reception
For UART reception, wait for 4 fCLK clock cycles or more before setting SS01 to 1, after setting the RXE01
bit of the SCR01 register to 1.
Bit 10
EOC01
Error interrupt signal (INTSRE1) mask availability selection
0
Error interrupt INTSRE1 is masked
1
Generation of error interrupt INTSRE1 is enabled
Bits 9 and 8
PTC011 PTC010
Parity bit setting in UART mode
Transmission
Reception
0
0
No parity bit is output
Data is received without parity
0
1
0 parity is output
No parity check is made
1
0
Even parity is output
Check is made for even parity
1
1
Odd parity is output
Check is made for odd parity
Bit 7
DIR01
Selection of data transfer order in CSI and UART modes
0
Input and output in MSB first
1
Input and output in LSB first
Bits 5 and 4
SLC011 SLC010
Stop bit setting in UART mode
0
0
No stop bit
0
1
Stop bit length = 1 bit
1
0
Stop bit length = 2 bits
1
1
Setting prohibited
Caution: For details on the register setup procedures, refer to RL78/G13 User's Manual: Hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com