Electronic Components Datasheet Search
  English  ▼

X  

RL78G13 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # RL78G13
Description  Serial Array Unit
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78G13 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button RL78G13 Datasheet HTML 20Page - Renesas Technology Corp RL78G13 Datasheet HTML 21Page - Renesas Technology Corp RL78G13 Datasheet HTML 22Page - Renesas Technology Corp RL78G13 Datasheet HTML 23Page - Renesas Technology Corp RL78G13 Datasheet HTML 24Page - Renesas Technology Corp RL78G13 Datasheet HTML 25Page - Renesas Technology Corp RL78G13 Datasheet HTML 26Page - Renesas Technology Corp RL78G13 Datasheet HTML 27Page - Renesas Technology Corp RL78G13 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
RL78/G13
Serial Array Unit (UART Communication)
R01AN0459EJ0200
Rev. 2.00
Page 24 of 43
2014.03.24
 Serial mode register 01 (SMR01)
Interrupt source
Operation mode
Transfer clock selection
fMCK selection
Reception channel operation mode setting
Symbol: SMR01
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CKS
01
CCS
01
0
0
0
0
0
STS
01
0
SIS
010
1
0
0
MD
012
MD
011
MD
010
0
0
0
0
0
0
0
1
0
0
1
0
0
0
1
0
Bit 15
CKS01
Channel 1 operation clock (fMCK) selection
0
Prescaler output clock CK00 configured by the SPS0 register
1
Prescaler output clock CK01 configured by the SPS0 register
Bit 14
CCS01
Channel 1 transfer clock (TCLK) selection
0
Clock obtained by dividing the operation clock fMCK specified by the CKS01 bit
1
Clock input from the SCK pin
Bit 8
STS01
Start trigger source selection
0
Only software trigger is valid
1
Valid edge of the RxD pin (selected during UART reception)
Bit 6
SIS010
Control of receive data level inversion on channel 1 in UART mode
0
Falling edge is detected as a start bit
1
Rising edge is detected as a start bit
Bits 2 and 1
MD012 MD011
Channel 1 operation mode setting
0
0
CSI mode
0
1
UART mode
1
0
Simplified I
2C mode
1
1
Setting prohibited
Bit 0
MD010
Channel 1 interrupt source selection
0
Transfer end interrupt
1
Buffer empty interrupt
Caution: For details on the register setup procedures, refer to RL78/G13 User's Manual: Hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com