Electronic Components Datasheet Search
  English  ▼

X  

RL78G13 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # RL78G13
Description  Serial Array Unit
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78G13 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button RL78G13 Datasheet HTML 23Page - Renesas Technology Corp RL78G13 Datasheet HTML 24Page - Renesas Technology Corp RL78G13 Datasheet HTML 25Page - Renesas Technology Corp RL78G13 Datasheet HTML 26Page - Renesas Technology Corp RL78G13 Datasheet HTML 27Page - Renesas Technology Corp RL78G13 Datasheet HTML 28Page - Renesas Technology Corp RL78G13 Datasheet HTML 29Page - Renesas Technology Corp RL78G13 Datasheet HTML 30Page - Renesas Technology Corp RL78G13 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
RL78/G13
Serial Array Unit (UART Communication)
R01AN0459EJ0200
Rev. 2.00
Page 27 of 43
2014.03.24
Symbol: SO0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
CKO
03
CKO
02
CKO
01
CKO
00
0
0
0
0
SO
03
SO
02
SO
01
SO
00
0
0
0
0
x
x
x
x
0
0
0
0
x
x
x
1
Bit 0
SO00
Channel 0 serial data output
0
Serial data output value is “0”
1
Serial data output value is “1”
Caution: For details on the register setup procedures, refer to RL78/G13 User's Manual: Hardware.
Serial output register 0 (SO0)
Initial output: 1
Initial output level setting
Symbol: SOE0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
SOE
03
SOE
02
SOE
01
SOE
00
0
0
0
0
0
0
0
0
0
0
0
0
x
x
x
1
Bit 0
SOE00
Channel 0 serial output enable/stop
0
Serial communication output is stopped
1
Serial communication output is enabled
Caution: For details on the register setup procedures, refer to RL78/G13 User's Manual: Hardware.
Serial output enable register 0 (SOE0)
Output enable
Enabling of data output on target channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com