Electronic Components Datasheet Search
  English  ▼

X  

RL78G13 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RL78G13
Description  Serial Array Unit
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78G13 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RL78G13 Datasheet HTML 4Page - Renesas Technology Corp RL78G13 Datasheet HTML 5Page - Renesas Technology Corp RL78G13 Datasheet HTML 6Page - Renesas Technology Corp RL78G13 Datasheet HTML 7Page - Renesas Technology Corp RL78G13 Datasheet HTML 8Page - Renesas Technology Corp RL78G13 Datasheet HTML 9Page - Renesas Technology Corp RL78G13 Datasheet HTML 10Page - Renesas Technology Corp RL78G13 Datasheet HTML 11Page - Renesas Technology Corp RL78G13 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
RL78/G13
Serial Array Unit (UART Communication)
R01AN0459EJ0200
Rev. 2.00
Page 8 of 43
2014.03.24
5.2
List of Option Byte Settings
Table 5.1 summarizes the settings of the option bytes.
Table 5.1
Option Byte Settings
5.3
List of Constants
Table 5.2 lists the constants that are used in this sample program.
Table 5.2
Constants for the Sample Program
Constant
Setting
Description
MessageOK[4]
"OK¥r¥n"
Response message to reception of “T”.
Messageok[4]
"ok¥r¥n"
Response message to reception of “t”.
MessageUC[4]
"UC¥r¥n"
Response message to reception of characters other than “T”
or “t”.
MessageFE[4]
"FE¥r¥n"
Response message to a framing error.
MessagePE[4]
"PE¥r¥n"
Response message to a parity error.
MessageOE[4]
"OE¥r¥n"
Response message to an overrun error.
5.4
List of Variables
Table 5.3 lists the global variable that is used by this sample program.
Table 5.3
Global Variable
Type
Variable Name
Contents
Function Used
uint8_t
g_Uart0RxBuf
Receive data buffer
main()
uint8_t
gp_Uart0TxAddress
Transmit data pointer
R_UART0_Send,
R_UART0_Interrupt_Send
uint16_t
g_Uart0TxCnt
Transmit data number
counter
R_UART0_Send,
R_UART0_Interrupt_Send
uint8_t
gp_Uart0RxAddress
Receive data pointer
R_UART0_Receive,
R_UART0_Interrupt_Receive,
R_UART0_Interrupt_Error
uint16_t
g_Uart0RxCnt
Receive data number
counter
R_UART0_Receive,
R_UART0_Interrupt_Receive
uint16_t
g_Uart0RxLen
Receive data number
R_UART0_Receive,
R_UART0_Interrupt_Receive
Address
Value
Description
000C0H/010C0H
01101110B
Disables the watchdog timer.
(Stops counting after the release from the reset state.)
000C1H/010C1H
01111111B
LVD reset mode, 2.81 V (2.76 V to 2.87 V)
000C2H/010C2H
11101000B
HS mode, HOCO: 32 MHz
000C3H/010C3H
10000100B
Enables the on-chip debugger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com