Electronic Components Datasheet Search
  English  ▼

X  

RL78G13 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # RL78G13
Description  Serial Array Unit
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78G13 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button RL78G13 Datasheet HTML 19Page - Renesas Technology Corp RL78G13 Datasheet HTML 20Page - Renesas Technology Corp RL78G13 Datasheet HTML 21Page - Renesas Technology Corp RL78G13 Datasheet HTML 22Page - Renesas Technology Corp RL78G13 Datasheet HTML 23Page - Renesas Technology Corp RL78G13 Datasheet HTML 24Page - Renesas Technology Corp RL78G13 Datasheet HTML 25Page - Renesas Technology Corp RL78G13 Datasheet HTML 26Page - Renesas Technology Corp RL78G13 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
RL78/G13
Serial Array Unit (UART Communication)
R01AN0459EJ0200
Rev. 2.00
Page 23 of 43
2014.03.24
Symbol: SDR00
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1
1
0
0
1
1
1
0
x
x
x
x
x
x
x
x
Bits 15 to 9
SDR00[15:9]
Transfer clock setting by dividing operation clock (fMCK)
0
0
0
0
0
0
0
fMCK /2
0
0
0
0
0
0
1
fMCK /4
0
0
0
0
0
1
0
fMCK /6
0
0
0
0
0
1
1
fMCK /8
1
1
0
0
1
1
1
fMCK /208
1
1
1
1
1
1
0
fMCK /254
1
1
1
1
1
1
1
fMCK /256
Caution: For details on the register setup procedures, refer to RL78/G13 User's Manual: Hardware.
 Serial data register 00 (SDR00)
Transfer clock frequency: fMCK/208 ( 9600 Hz)
Transmission channel transfer clock setting
Symbol: SCR00
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TXE
00
RXE
00
DAP
00
CKP
00
0
EOC
00
PTC
001
PTC
000
DIR
00
0
SLC
001
SLC
000
0
1
DLS
001
DLS
000
1
0
0
0
0
0
1
0
1
0
0
1
0
1
1
1
Bits 1 and 0
DLS001 DLS000
Data length setting in CSI mode
0
1
9-bit data length
1
0
7-bit data length
1
1
8-bit data length
Others
Setting prohibited
Caution: For details on the register setup procedures, refer to RL78/G13 User's Manual: Hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com