Electronic Components Datasheet Search
  English  ▼

X  

RL78G13 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RL78G13
Description  Serial Array Unit
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78G13 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RL78G13 Datasheet HTML 2Page - Renesas Technology Corp RL78G13 Datasheet HTML 3Page - Renesas Technology Corp RL78G13 Datasheet HTML 4Page - Renesas Technology Corp RL78G13 Datasheet HTML 5Page - Renesas Technology Corp RL78G13 Datasheet HTML 6Page - Renesas Technology Corp RL78G13 Datasheet HTML 7Page - Renesas Technology Corp RL78G13 Datasheet HTML 8Page - Renesas Technology Corp RL78G13 Datasheet HTML 9Page - Renesas Technology Corp RL78G13 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
RL78/G13
Serial Array Unit (UART Communication)
R01AN0459EJ0200
Rev. 2.00
Page 6 of 43
2014.03.24
4.
Description of the Hardware
4.1
Hardware Configuration Example
Figure 4.1 shows an example of hardware configuration that is used for this application note.
Figure 4.1
Hardware Configuration
Caution: 1. The purpose of this circuit is only to provide the connection outline and the circuit is simplified
accordingly. When designing and implementing an actual circuit, provide proper pin treatment and make
sure that the hardware's electrical specifications are met (connect the input-only ports separately to VDD
or VSS via a resistor).
2. Connect any pins whose name begins with EVSS to VSS and any pins whose name begins with EVDD to
VDD, respectively.
3. VDD must be held at not lower than the reset release voltage (VLVI) that is specified as LVD.
4.2
List of Pins to be Used
Table 4.1 lists the pins to be used and their function.
Table 4.1
Pins to be Used and their Functions
Pin Name
I/O
Description
P12/SO00/TxD0/TOOLTxD
Output
Data transmission pin
P11/SI00/RxD0/TOOLRxD/SDA00
Input
Data reception pin
RESET
VDD
RL78/G13
EVDD
VDD
VDD
EVSS
VSS
REGC
RxD0
TxD0
Device on the
opposite side
Transmission
Reception
P40/TOOL0
For on-chip debugger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com