Electronic Components Datasheet Search
  English  ▼

X  

CS22250 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS22250
Description  WIRELESS 10BT CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22250 Datasheet(HTML) 1 Page - Cirrus Logic

  CS22250 Datasheet HTML 1Page - Cirrus Logic CS22250 Datasheet HTML 2Page - Cirrus Logic CS22250 Datasheet HTML 3Page - Cirrus Logic CS22250 Datasheet HTML 4Page - Cirrus Logic CS22250 Datasheet HTML 5Page - Cirrus Logic CS22250 Datasheet HTML 6Page - Cirrus Logic CS22250 Datasheet HTML 7Page - Cirrus Logic CS22250 Datasheet HTML 8Page - Cirrus Logic CS22250 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
CS22250 Wireless 10BT Controller
1 of 32
DS551PP2
Rev. 3.0
www.cirrus.com
1
Introduction
The Cirrus Logic CS22250 Wireless Network Controller enables high speed, 11 Mbps digital
wireless data connectivity for wireless Ethernet bridge, access points, and other broadband
applications.
The CS22250 is a highly integrated single-chip Ethernet bridge solution for wireless networks
supporting video, audio, voice, and data traffic. The programmable controller executes Cirrus
Logic’s Whitecap™2 networking protocol that provides Wi-Fi™ (802.11b) compliance, multimedia
and a foundation for quality of service (QoS) applications, and Ethernet to wireless bridging. The
device includes several high performance components including an ARM7TDMI RISC processor
core, a Forward Error Correction (FEC) codec, and a wireless radio MAC supporting up to 11
Mbps throughput. The CS22250 utilizes state of the art 0.18um CMOS process and is housed in
a 208 FPBGA compact package, offering low-lead inductance suitable for highly integrated radio
applications. The core is powered at 1.8 V with 3.3V I/O to reduce overall power consumption. In
addition, the CS22250 supports various power management modes for host, MAC, baseband,
and radio interfaces.
The CS22250 is designed to provide integrated low cost IEEE 802.3 standard compliant system
solutions. The controller also incorporates a high-speed parallel interface, which can be used to
interface with other ASICs (eg: HNPA 2.0 Network controller) to implement a variety of other
wireless LAN bridging products.
Figure 1. Example System Block Diagram
2.4 GHz Direct Sequence
Spread Spectrum
11 Mbps Wireless
Baseband I/F
CS22250
Wireless 10BT
Controller
802.11b compatible
2.4 GHz
Digital Radio
PHY Transceiver
System Memory
SDRAM (Up to 4MB)
SRAM (Up to 256KB)
Boot ROM/Flash
(Upto1MB)
High Speed Parallel Interface
AUI Serial Interface
CS22250 Data Sheet
Wireless 10BT Controller
Configuration Interface (USB)
10 BaseT
Ethernet PHY


Similar Part No. - CS22250

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS22210 CIRRUS-CS22210 Datasheet
314Kb / 31P
WIRELESS PCI/USB CONTROLLER
Rev. 3.0
CS22220 CIRRUS-CS22220 Datasheet
282Kb / 34P
WIRELESS PCI/USB CONTROLLER
Rev. 3.0
CS22230 CIRRUS-CS22230 Datasheet
253Kb / 29P
WIRELESS PCI/USB CONTROLLER
Rev. 1.0
More results

Similar Description - CS22250

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS22210 CIRRUS-CS22210 Datasheet
314Kb / 31P
WIRELESS PCI/USB CONTROLLER
Rev. 3.0
CS22230 CIRRUS-CS22230 Datasheet
253Kb / 29P
WIRELESS PCI/USB CONTROLLER
Rev. 1.0
logo
Mitel Networks Corporat...
WL102B MITEL-WL102B Datasheet
138Kb / 9P
Wireless Data Controller
logo
Zarlink Semiconductor I...
WL102B ZARLINK-WL102B Datasheet
369Kb / 10P
Wireless Data Controller
logo
Exar Corporation
XR18W750 EXAR-XR18W750 Datasheet
908Kb / 44P
WIRELESS UART CONTROLLER
logo
Level One
WAC-1000 LVL1-WAC-1000 Datasheet
1,006Kb / 4P
Wireless LAN Controller
logo
List of Unclassifed Man...
TX-F01 ETC2-TX-F01 Datasheet
269Kb / 5P
Wireless Remote Controller/Transmitter
logo
Infineon Technologies A...
XMC0001SC-Q040X INFINEON-XMC0001SC-Q040X Datasheet
1Mb / 41P
Wireless Power Controller Series
V1.3, 2019-05
logo
Microchip Technology
WINC3400 MICROCHIP-WINC3400 Datasheet
923Kb / 2P
Wireless Network Controller
2015
logo
Infineon Technologies A...
XMCXXXXSC-Q040X INFINEON-XMCXXXXSC-Q040X Datasheet
1Mb / 41P
Wireless Power Controller Series
V1.3, 2019-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com