Electronic Components Datasheet Search
  English  ▼

X  

CS22250 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS22250
Description  WIRELESS 10BT CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22250 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS22250 Datasheet HTML 11Page - Cirrus Logic CS22250 Datasheet HTML 12Page - Cirrus Logic CS22250 Datasheet HTML 13Page - Cirrus Logic CS22250 Datasheet HTML 14Page - Cirrus Logic CS22250 Datasheet HTML 15Page - Cirrus Logic CS22250 Datasheet HTML 16Page - Cirrus Logic CS22250 Datasheet HTML 17Page - Cirrus Logic CS22250 Datasheet HTML 18Page - Cirrus Logic CS22250 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
CS22250 Wireless 10BT Controller
15 of 32
DS551PP2
Rev. 3.0
www.cirrus.com
NRPD
Output
Radio power down enable.
This active low signal is used for power
management purposes for the radio circuitry.
RXCLK
Input
This is an input from base band processor. It is used to clock in received
data from base band processor.
MDRDY
Input
Receive data ready is an input signal from the baseband processor,
indicating a data packet is ready to be transferred to the MAC. The signal
returns to inactive state when there is no more receiver data or when the
link has been interrupted. This signal is sampled on the falling edge of
RXCLK and sampled at rising edge of RXCLK.
RXD
Input
Receive data is an input from the baseband processor transferring
demodulated header information and data in a serial format. The data is
frame aligned with MD_RDY. This signal is sampled on the falling edge
of RXCLK and sampled at rising edge of RXCLK.
DACAVCC
Input
Analog power for DAC. 3.3V.
DACAGND
Input
Analog ground for DAC.
RLQ
Output
Radio link quality is based on packet error rate.
Active low implies
packet received without errors. Note: lost packets arenot detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com