Electronic Components Datasheet Search
  English  ▼

X  

CS22250 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS22250
Description  WIRELESS 10BT CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22250 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS22250 Datasheet HTML 13Page - Cirrus Logic CS22250 Datasheet HTML 14Page - Cirrus Logic CS22250 Datasheet HTML 15Page - Cirrus Logic CS22250 Datasheet HTML 16Page - Cirrus Logic CS22250 Datasheet HTML 17Page - Cirrus Logic CS22250 Datasheet HTML 18Page - Cirrus Logic CS22250 Datasheet HTML 19Page - Cirrus Logic CS22250 Datasheet HTML 20Page - Cirrus Logic CS22250 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
CS22250 Wireless 10BT Controller
17 of 32
DS551PP2
Rev. 3.0
www.cirrus.com
ETXEN
Output
Transmit enable. This signal is synchronous to ETXCLK. It enables data
transmission.
ECOL
Input
Collision signal. This input signal indicates whether a collision occurred
in the network.
ECRS
Input
Carrier detect. An input from the PHY layer thatindicates there is activity
in the network.
ERXCLK
Input
Receive clock. This is the reference receive clock from the PHY layer.
ERXDO
Input
Receive data. It is synchronized with receive clock.
System Reset
EXT_RESET
Input
The system must place the RESET signal in a high-Z state during card
power up. The signal must remain high impedance for at least 1 msec
after Vcc becomes valid.
CSS
Input
(Clear Settings Set) Network security ID reset request.
CSR
Output
(Clear Settings Reset) Network security ID reset successful.
External Control Bus
OSAD[31:0]
Bi-directional
Multiplexed address and data bus on the external control bus to a shared
32-bit bus on the external control bus. Also, de-multiplexing of the data
from external control bus to the internal control bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com