| Electronic Components Datasheet Search |
|
CS22250 Datasheet(PDF) 14 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS22250 Datasheet(HTML) 14 Page - Cirrus Logic |
|
14 / 32 page ![]() CS22250 Wireless 10BT Controller 14 of 32 DS551PP2 Rev. 3.0 www.cirrus.com BBAS Output Baseband address strobe is used to envelop the address or the data on the BBSDX bus. A logic 1 envelops the address and a logic 0 envelops the data. This signal has to be setup to the rising edge of BBSCLK for the baseband processor and is driven on falling edge of BBSCLK. NBBCS Output Baseband chip select is an active low output to activate the serial control port. When inactive, the SD, BBSCLK, BBAS and BBRNW signals are ‘don’t cares’. TXPAPE Output Radio power amplifier power enable is a software controlled output. This signal is used to gate power to the power amplifier. TXPE Output Radio transmit power enable indicates if transmit mode is enabled. When low, this signal indicates receive mode. RXPEBB Output Baseband receive power enable is an output that indicates if the MAC is in receive mode. A output signal to baseband processor enables receive mode in baseband processor. BBSCLK Output Baseband serial clock is a programmable output generated by dividing ARM_CLK by 14 (default). This clock is used for the serial control port to sample the control and data signals. BBSDX Bi-directional Baseband serial data is a bi-directional serial data bus, which is used to transfer address and data to/from the internal registers of the baseband processor. SYNTHLE Output Synthesizer latchenable is anactivehighsignal usedtosend datato the synthesizer. (Use with modular Cresta II Modular Radio only). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |