Electronic Components Datasheet Search
  English  ▼

X  

CS22250 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS22250
Description  WIRELESS 10BT CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22250 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS22250 Datasheet HTML 7Page - Cirrus Logic CS22250 Datasheet HTML 8Page - Cirrus Logic CS22250 Datasheet HTML 9Page - Cirrus Logic CS22250 Datasheet HTML 10Page - Cirrus Logic CS22250 Datasheet HTML 11Page - Cirrus Logic CS22250 Datasheet HTML 12Page - Cirrus Logic CS22250 Datasheet HTML 13Page - Cirrus Logic CS22250 Datasheet HTML 14Page - Cirrus Logic CS22250 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
CS22250 Wireless 10BT Controller
11 of 32
DS551PP2
Rev. 3.0
www.cirrus.com
SMDQM[1:0]
Output
Data mask bit 1:0. These signals function as byte enable lines masking
unwanted
bytes
on
memory reads
and
write.
Also
used
as
testmode(1:0) when NTEST pin is '0'.
SMCKE
Output
Clock enable. SMCKE is used to enable and disable clocking of internal
RAM logic.
SMA0
Output
Address bit0.
The address bus specifies either the row address or
column address. Also shared as boot-rom address bit0. This pin should
have a pull-down.
SMA1
Output
Address bit1. Also shared as boot-rom address bit1. This pin should
have a pull-down.
SMA2
Output
Address bit2. Also shared as boot-rom address bit2. This pin should
have a pull-down.
SMA3
Output
Address bit3. Also shared as boot-rom address bit3. Also used during
reset to latch in the strap value for ossel; if set to a '1' implies optslot
mode.
SMA4
Output
Address bit4. Also shared as boot-rom address bit4.
Also used during
reset to latch in the strap value for romcfg. This pin should be pull down.
SMA5
Output
Address bit5. Also shared as boot-rom address bit5. Also used during
reset to latch in the strap value for test_rst_enb; if set to a '0' implies
normal operation mode.
SMA6
Output
Address bit6. Also shared as boot-rom address bit6. Also used during
reset to latch in the strap value for freq_sel(0). Freq_sel(2:0) is used to
select the multiplication factor for the internal PLL (000=1x and 111=8x).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com