Electronic Components Datasheet Search
  English  ▼

X  

CS22250 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS22250
Description  WIRELESS 10BT CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22250 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS22250 Datasheet HTML 24Page - Cirrus Logic CS22250 Datasheet HTML 25Page - Cirrus Logic CS22250 Datasheet HTML 26Page - Cirrus Logic CS22250 Datasheet HTML 27Page - Cirrus Logic CS22250 Datasheet HTML 28Page - Cirrus Logic CS22250 Datasheet HTML 29Page - Cirrus Logic CS22250 Datasheet HTML 30Page - Cirrus Logic CS22250 Datasheet HTML 31Page - Cirrus Logic CS22250 Datasheet HTML 32Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
CS22250 Wireless 10BT Controller
29 of 32
DS551PP2
Rev. 3.0
www.cirrus.com
Table 8. ROM/Flash Memory Read Timing
Item
Symbol
Min
Max
Clock Period
(1)
tperSMCLK
72 MHz
103 MHz
CE to SMD Latched Data
(2)
tid SMD
221 ns
OE de-asserted to OE asserted
(3)
tf SMRAS
6(tperSMCLK)
ROM address to output delay
(4)
tACC
220 ns
SMCLK to SMA output delay
td SMA
4.0 ns
SMCLK to BRCE output delay (CE)
td BRCE
4.5 ns
SMCLK to SMRAS output delay (OE)
td SMRAS
5.0 ns
SMD setup to SMCLK
tsu SMD
1.0 ns
SMD hold from SMCLK
th SMD
2.4 ns
1. The memclock timing is derived by bootstrap PLL settings. Synchronous modes at 77
MHz & 72 MHz are currently supported.
2. tid SMD is based on the fm_romrdlat register settings – default is 09h max. (77Mhz ~ 17
times SMCLK = 221ns).
3. tf SMRAS is the minimum time required before the next OE is active on the bus (6 times
SMCLK). The ROM device must release the bus within this time frame (77MHz ~ 78 ns).
4. Based on default fm_romrdlat register settings (note: 09h translates to 11h) see
fm_romrdlat register settings for more information.
SMCLK
SMD[7:0]
SMA[11:0], SMD[13:8]
SMNWE
BRCE (CE)
SMRAS (OE)
DATA
ADDRESS
tper
SMCLK
td
td
SMRAS
td
tld
SMD
td
BRCE
td
SMRAS
BRCE
tACC
SMA
tsu
SMD
t h
SMD
t f
SMRAS
Figure 7. ROM Memory Interface 'Read' Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com