Electronic Components Datasheet Search
  English  ▼

X  

CS4215 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4215
Description  16-Bit Multimedia Audio Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4215 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4215 Datasheet HTML 3Page - Cirrus Logic CS4215 Datasheet HTML 4Page - Cirrus Logic CS4215 Datasheet HTML 5Page - Cirrus Logic CS4215 Datasheet HTML 6Page - Cirrus Logic CS4215 Datasheet HTML 7Page - Cirrus Logic CS4215 Datasheet HTML 8Page - Cirrus Logic CS4215 Datasheet HTML 9Page - Cirrus Logic CS4215 Datasheet HTML 10Page - Cirrus Logic CS4215 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Note: AGND and DGND pins must be on the same ground plane.
0.1 uF
1 uF
0.1 u F
+
23
24
38
VA1
VA2
VD1
VD2
28
27
MO U T1
MO U T2
HE A D R
HEADL
HE A D C
Head ph o n e
Jack
31
29
30
+
> 1.0 uF
40 k
+
> 1.0 uF
40 k
LOUTR
LO UT L
33
32
VR E F
21
0.1 uF
+
10 uF
X T L2IN
X T L2O U T
X T L1IN
X T L1O U T
40pF
40pF
40pF
40pF
10
11
6
7
22
2 5
2
9
1 uF
+
C S4 215
MINR
MINL
LIN L
LINR
A G N D 1
A G ND 2
D G ND1
DG N D 2
PD N
SD O U T
SC L K
FSYNC
TSOUT
TSIN
D/C
PIO0
PIO1
36
37
12
13
43
42
41
40
35
44
C o ntro ller
CLK O U T
5
CLK IN
4
VD1
47 k
18
16
M icroph one
In pu t R ight
M icrophon e
In put Le ft
+5 V D ig ita l
S upply
1/2W
1/2W
12
Ω
12
Ω
600
Ω
600
Ω
0.00 22 u F
NP O
0.00 22 u F
NP O
SDIN
1
+5v
20 k
20 k
20k
F e rrite B e ad
16.934 4 M H z
24.576 M H z
RESET
> 32Ω
>48
Ω
+ 5 V A n alog
Su pp ly
CM OUT
19
0 .47 uF
Input B u ffe rs
T o O p tion a l
Refer to the
Analog Inputs
section for terminating
unused line and mic inputs.
All other unused inputs
should be tied to GND. All NC
pins should be left floating.
S e e Lin e Leve l
In p uts S e ctio n
15
0.4 7 uF
150
0.0 1 uF
NP O
17
0.47 uF
150
0.01 u F
NP O
Figure 1. Recommended Connection Diagram
CS4215
DS76F2
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com