Electronic Components Datasheet Search
  English  ▼

X  

CS4215 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4215
Description  16-Bit Multimedia Audio Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4215 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4215 Datasheet HTML 1Page - Cirrus Logic CS4215 Datasheet HTML 2Page - Cirrus Logic CS4215 Datasheet HTML 3Page - Cirrus Logic CS4215 Datasheet HTML 4Page - Cirrus Logic CS4215 Datasheet HTML 5Page - Cirrus Logic CS4215 Datasheet HTML 6Page - Cirrus Logic CS4215 Datasheet HTML 7Page - Cirrus Logic CS4215 Datasheet HTML 8Page - Cirrus Logic CS4215 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Features
• Sample Frequencies from 4 kHz to 50 kHz
• 16-bit Linear, 8-bit Linear, µ-Law, or A-Law
Audio Data Coding
• Programmable Gain for Analog Inputs
• Programmable Attenuation for Analog
Outputs
• On-chip Oscillators
• +5V Power Supply
• Microphone and Line Level Analog Inputs
• Headphone, Speaker, and Line Outputs
• On-chip Anti-Aliasing/Smoothing Filters
• Serial Digital Interface
General Description
The CS4215 is a single-chip, stereo, CMOS multime-
dia
codec
that
supports
CD-quality
music,
FM radio-quality music, telephone-quality speech, and
modems. The analog-to-digital and digital-to-analog
converters are 64
×oversampled delta-sigma converters
with on-chip filters which adapt to the sample fre-
quency selected.
The +5V only power requirement makes the CS4215
ideal for use in workstations and personal computers.
Integration of microphone and line level inputs, input
and output gain setting, along with headphone and
monitor speaker driver, results in a very small footprint.
Ordering Information:
CS4215-KL
0
°C to 70°C
44-pin PLCC
CS4215-KQ
0
°C to 70°C
100-pin TQFP
CDB4215
Evaluation Board
16-Bit Multimedia Audio Codec
Semiconductor Corporation
CS4215
LINL
LINR
MINL
MINR
M
U
X
SDIN
Gain
8
XTL1IN
XTL1OUT
XTL2IN
XTL2OUT
CMOUT
CLKIN
CLKOUT
Clock
Generator
PIO0
PIO1
PDN
VA1
VA2
VD1
VD2
AGND1
AGND2
DGND1
DGND2
Control
Interface and
Registers
A/D
A/D
RESET
D/C
Serial Input/Output
SDOUT
SCLK
FSYNC
TSOUT
TSIN
MOUT1
VREF
LOUTR
LOUTL
MOUT2
Attenuator
Output
D/A
D/A
Voltage
Reference
HEADL
HEADR
HEADC
Mute
Monitor
Attenuator
+
+
µ-law
A-law
encode
unsigned
µ-law
A-law
decode
unsigned
SEPT ’93
DS76F2
1
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445-7222 FAX: (512) 445-7581
Copyright
© Crystal Semiconductor Corporation 1993
(All Rights Reserved)
This data sheet was written for Revision E CS4215 codecs and later. For differences between Revision E and
previous versions, see
Appendix A.
The CS4215 is an Mwave
TM
audio codec.


Similar Part No. - CS4215

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS4210 NSC-CS4210 Datasheet
1Mb / 102P
IEEE 1394 OHCI Controller
CS4210VJG NSC-CS4210VJG Datasheet
1Mb / 102P
IEEE 1394 OHCI Controller
logo
Cirrus Logic
CS4216 CIRRUS-CS4216 Datasheet
799Kb / 58P
16-Bit Stereo Audio Codec
CS4216-KL CIRRUS-CS4216-KL Datasheet
799Kb / 58P
16-Bit Stereo Audio Codec
CS4216-KQ CIRRUS-CS4216-KQ Datasheet
799Kb / 58P
16-Bit Stereo Audio Codec
More results

Similar Description - CS4215

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9701A WOLFSON-WM9701A Datasheet
192Kb / 24P
Low Power AC97 Multimedia Audio Codec
logo
Asahi Kasei Microsystem...
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
AC97 MULTIMEDIA AUDIO CODEC WITH SRC
logo
Cirrus Logic
CS4216 CIRRUS-CS4216 Datasheet
799Kb / 58P
16-Bit Stereo Audio Codec
CS4218 CIRRUS-CS4218 Datasheet
586Kb / 44P
16-Bit Stereo Audio Codec
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860_12 Datasheet
822Kb / 38P
16-Bit Mono Audio Voice Codec
Rev 2; 2/12
logo
Wolfson Microelectronic...
WM8993 WOLFSON-WM8993 Datasheet
2Mb / 229P
Audio Hub CODEC for Multimedia Phones
logo
Realtek Semiconductor C...
ALC5624 REALTEK-ALC5624 Datasheet
1Mb / 78P
HAND-HELD MULTIMEDIA I2S AUDIO CODEC
ALC5624-GR REALTEK-ALC5624-GR Datasheet
1Mb / 73P
HAND-HELD MULTIMEDIA I2S AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com