Electronic Components Datasheet Search
  English  ▼

X  

CS4215 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4215
Description  16-Bit Multimedia Audio Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4215 Datasheet(HTML) 5 Page - Cirrus Logic

  CS4215 Datasheet HTML 1Page - Cirrus Logic CS4215 Datasheet HTML 2Page - Cirrus Logic CS4215 Datasheet HTML 3Page - Cirrus Logic CS4215 Datasheet HTML 4Page - Cirrus Logic CS4215 Datasheet HTML 5Page - Cirrus Logic CS4215 Datasheet HTML 6Page - Cirrus Logic CS4215 Datasheet HTML 7Page - Cirrus Logic CS4215 Datasheet HTML 8Page - Cirrus Logic CS4215 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
SDIN
SDOUT
t
nz
t pd1
t
hz
t
pd1
t
s1
t
h1
TS 1, Bit 7
TS 1, Bit 7
TS 1, Bit 6
SCLK
t
pd1
t
pd1
t
pd2
TSOUT
t
pd2
TS 8, Bit 0
TS 1, Bit 6
FSYNC
out
TSIN
FSYNC
in
t
s1
t
h1
t
h1
t
s1
TS 8, Bit 0
t sckl
t sckh
t
sckw
SWITCHING CHARACTERISTICS (TA = 25°C; VA1, VA2, VD1, VD2 = +5V,
outputs loaded with 30 pF; Input Levels: Logic 0 = 0V, Logic 1 = VD1, VD2)
Parameter
Symbol
Min
Typ
Max
Units
SCLK period
Master Mode, XCLK = 1 (Note 8)
tsckw
-1/(Fs*bpf)
-
s
Slave Mode (XCLK = 0)
tsckw
80
-
-
ns
SCLK high time
Slave Mode, XCLK = 0 (Note 9)
tsckh
25
-
-
ns
SCLK low time
Slave Mode, XCLK = 0 (Note 9)
tsckl
25
-
-
ns
Input Setup Time
ts1
15
-
-
ns
Input Hold Time
th1
10
-
-
ns
Input Transition Time
10% to 90% points
-
-
10
ns
Output delay
tpd1
-
-
28
ns
SCLK to TSOUT
tpd2
-
-
30
ns
Output to Hi-Z state
Timeslot 8, bit 0
thz
-
-
12
ns
Output to non-Hi-Z
Timeslot 1, bit 7
tnz
15
-
-
ns
Input Clock Frequency
Crystals
-
-
27
MHz
CLKIN (Note 10)
1.024
-
13.5
MHz
Input Clock (CLKIN) low time
30
-
-
ns
Input Clock (CLKIN) high time
30
-
-
ns
Sample rate
Fs
4
-
50
kHz
RESET low time
(Note 11)
500
-
-
ns
Notes:
8. In Master mode with BSEL1,0 set to 64 or 128 bits per frame (bpf), the SCLK duty cycle is 50%.
When BSEL1,0 is set to 256 bpf, SCLK will have the same duty cycle as CLKOUT.
See Internal Clock Generation section.
9. In Slave mode, FSYNC and SCLK must be derived from the master clock running the codec
(CLKIN, XTAL1, XTAL2).
10. Sample rate specifications must not be exceeded.
11. After powering up the CS4215, RESET should be held low for 50 ms to allow the voltage
reference to settle.
CS4215
DS76F2
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com