Electronic Components Datasheet Search
  English  ▼

X  

CS4215 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4215
Description  16-Bit Multimedia Audio Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4215 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4215 Datasheet HTML 4Page - Cirrus Logic CS4215 Datasheet HTML 5Page - Cirrus Logic CS4215 Datasheet HTML 6Page - Cirrus Logic CS4215 Datasheet HTML 7Page - Cirrus Logic CS4215 Datasheet HTML 8Page - Cirrus Logic CS4215 Datasheet HTML 9Page - Cirrus Logic CS4215 Datasheet HTML 10Page - Cirrus Logic CS4215 Datasheet HTML 11Page - Cirrus Logic CS4215 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
FUNCTIONAL DESCRIPTION
Overview
The CS4215 has two channels of 16-bit analog-
to-digital conversion and two channels of 16-bit
digital-to-analog conversion. Both the ADCs and
the DACs are delta-sigma converters. The ADC
inputs have adjustable input gain, while the DAC
outputs have adjustable output attenuation. Spe-
cial features include a separate microphone input
with a 20 dB programmable gain block, an op-
tional 8-bit
µ-law or A-law encoder/decoder, pins
for two crystals to set alternative sample rates,
direct headphone drive and mono speaker drive.
Control for the functions available on the
CS4215, as well as the audio data, are communi-
cated to the device over a serial interface.
Separate pins for input and output data are pro-
vided, allowing concurrent writing to and
reading from the device. Data must be con-
tinually written for proper operation. Multiple
CS4215 devices may be attached to the same
data lines.
Analog Inputs
Figure 1, the recommended connection diagram,
shows examples of the external analog circuitry
recommended around the CS4215. An internal
multiplexer selects between line level inputs and
microphone level inputs.
Input filters using a 150
Ω resistor and a .01 µF
NPO capacitor to ground are required to isolate
the input op-amps from, and provide a charge re-
serve for, the switched-capacitor input of the
codec.
The RC values may be safely changed
by a factor of two.
The HPF bit in Control Time Slot 2 provides a
high pass filter that will reduce DC offset on the
analog inputs.
Using the high pass filter will
cause slight distortions at very low frequencies.
Unused analog inputs that are not selected have
a very high input impedance, so they may be
tied to AGND directly.
Unused analog inputs
that are selected should be tied to AGND
through a 0.1uF capacitor. This prevents any DC
current flow.
Line Level Inputs
LINL and LINR are the line level input pins.
These pins are internally biased to the CMOUT
voltage. Figure 2 shows a dual op-amp buffer
which combines level shifting with a gain of 0.5
to attenuate the standard line level of 2 Vrms to
LINR
(pin 16)
LINL
(pin 18)
Line In
Right
Line In
Left
0.01 uF
NPO
0.01 uF
NPO
150
150
0.47 uF
0.47 uF
Figure 3. AC Coupled Input.
+
_
56 pF
10 k
20 k
+
_
10 k
56 pF
5 k
20 k
Line In
Line In
Right
Left
CMOUT
LINR
LINL
Op-amps are run
from VA1, VA2 and
AGND.
0.47 uF
0.47 uF
150
0.01 uF
NPO
0.47 uF
0.01 uF
NPO
150
0.47 uF
(pin 16)
(pin 18)
(pin 19)
Example
Op-Amps
are
LT1013
Figure 2. DC Coupled Input.
CS4215
8
DS76F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com