Electronic Components Datasheet Search
  English  ▼

X  

CS43122 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS43122
Description  122dB, 24-Bit, 192kHz DAC for Digital Audio
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43122 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS43122 Datasheet HTML 2Page - Cirrus Logic CS43122 Datasheet HTML 3Page - Cirrus Logic CS43122 Datasheet HTML 4Page - Cirrus Logic CS43122 Datasheet HTML 5Page - Cirrus Logic CS43122 Datasheet HTML 6Page - Cirrus Logic CS43122 Datasheet HTML 7Page - Cirrus Logic CS43122 Datasheet HTML 8Page - Cirrus Logic CS43122 Datasheet HTML 9Page - Cirrus Logic CS43122 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
CS43122
6
ANALOG CHARACTERISTICS (CONTINUED)
Notes: 1. Triangular PDF dithered data.
2. Performance limited by 16-bit quantization noise.
3. Valid with the recommended capacitor values on FILT+ and CMOUT as shown in Figure 1. Increasing
the capacitance will also increase the PSRR.
Parameter
Symbol
VD = 3 V
VD = 5 V
Unit
Power Supplies
Min
Typ
Max Min
Typ
Max
Supply Current
normal operation
VA = 5 .0V
normal operation
power-down state
IA
ID
ID + IA
-
-
-
17
27
60
TBD
-
-
-
17
24
30
TBD
-
mA
mA
µA
Power Dissipation
normal operation
VA = 5 .0V
power-down
-
-
166
0.3
TBD
-
-
-
205
0.3
TBD
-
mW
mW
Power Supply Rejection Ratio (1 kHz)
(Note 3)
(120 Hz)
PSRR
-
-
60
40
-
-
-
-
60
40
-
-
dB
dB
Parameter
Symbol
Min
Typ
Max
Unit
Analog Output
Full Scale Differential Output Voltage
TBD
1.33VREF
TBD
Vpp
Common Mode Voltage
-
0.5VREF
-
VDC
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
100
-
ppm/°C
Differential DC Offset
-
2.0
TBD
mV
AC-Load Resistance
RL
1.0
-
-
k
Ω
Load Capacitance
CL
--
100
pF
Interchannel Isolation
(1 kHz)
-
90
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com