Electronic Components Datasheet Search
  English  ▼

X  

CS43122 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS43122
Description  122dB, 24-Bit, 192kHz DAC for Digital Audio
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43122 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS43122 Datasheet HTML 3Page - Cirrus Logic CS43122 Datasheet HTML 4Page - Cirrus Logic CS43122 Datasheet HTML 5Page - Cirrus Logic CS43122 Datasheet HTML 6Page - Cirrus Logic CS43122 Datasheet HTML 7Page - Cirrus Logic CS43122 Datasheet HTML 8Page - Cirrus Logic CS43122 Datasheet HTML 9Page - Cirrus Logic CS43122 Datasheet HTML 10Page - Cirrus Logic CS43122 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
CS43122
7
ANALOG CHARACTERISTICS (Continued)
Notes:
4. Response is clock dependent and will scale with Fs. Note that the response plots (Figures 7-18) have
been normalized to Fs and can be de-normalized by multiplying the X-axis scale by Fs.
5. For Operational Mode 0, the Measurement Bandwidth is 0.5465 Fs to 1.4 Fs.
For Operational Mode 1, the Measurement Bandwidth is 0.570 Fs to 1.4 Fs.
For Operational Mode 2, the Measurement Bandwidth is 0.635 Fs to 1.3 Fs.
6. Group Delay for Fs=48 kHz 37/48 kHz=770
µs
7. De-emphasis is available only in Operational Mode 0.
Parameter
Symbol
Min
Typ
Max
Unit
Combined Digital and On-chip Analog Filter Response - Operational Mode 0
Passband
(Note 4)
to -0.1 dB corner
to -3 dB corner
-
-
-
-
0.470
0.492
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-.020
-
+0.015
dB
Passband Ripple
-
-
±0.0001
dB
StopBand
.5465
-
-
Fs
StopBand Attenuation
(Note 5)
102
-
-
dB
Group Delay
(Note 6)
tgd
-
37/Fs
-
s
De-emphasis Error
(Note 7)
Fs = 32 kHz
(Relative to 1 kHz)
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
±0.10
±0.10
±0.13
dB
dB
dB
Combined Digital and On-chip Analog Filter Response - Operational Mode 1
Passband
(Note 4)
to -0.1 dB corner
to -3 dB corner
0
0
-
-
0.448
0.486
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.017
-
0.035
dB
Passband Ripple
-
-
±0.0008
dB
StopBand
.570
-
-
Fs
StopBand Attenuation
(Note 5)
82
-
-
dB
Group Delay
tgd
-
20/Fs
-
s
Combined Digital and On-chip Analog Filter Response - Operational Mode 2
Passband
(Note 4)
to -0.1 dB corner
to -3 dB corner
-
-
-
-
0.385
0.472
Fs
Fs
Frequency Response 10 Hz to 20 kHz
0
-
+0.015
dB
Passband Ripple
-
-
±0.00065
dB
StopBand
0.635
-
-
Fs
StopBand Attenuation
(Note 5)
83
-
-
dB
Group Delay
tgd
-
11/Fs
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com