Electronic Components Datasheet Search
  English  ▼

X  

CS43122 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS43122
Description  122dB, 24-Bit, 192kHz DAC for Digital Audio
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43122 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS43122 Datasheet HTML 14Page - Cirrus Logic CS43122 Datasheet HTML 15Page - Cirrus Logic CS43122 Datasheet HTML 16Page - Cirrus Logic CS43122 Datasheet HTML 17Page - Cirrus Logic CS43122 Datasheet HTML 18Page - Cirrus Logic CS43122 Datasheet HTML 19Page - Cirrus Logic CS43122 Datasheet HTML 20Page - Cirrus Logic CS43122 Datasheet HTML 21Page - Cirrus Logic CS43122 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
CS43122
18
AD1/CDIN
(Control Port Mode)
3
Address Bit 1 / Control Data Input
(Input) - In 2 Wire Mode, AD1 is a chip
address bit. CDIN is the control data input line for the control port interface in SPI
mode.
SCL/CCLK
(Control Port Mode)
4
Serial Control Interface Clock
(Input) - In 2 Wire Mode, SCL clocks the serial
control data into or from SDA/CDOUT.
In SPI mode, CCLK clocks the serial data into AD1/CDIN and out of SDA/CDOUT.
SDA/CDOUT
(Control Port Mode)
5
Serial Control Data I/O
(Input/Output) - In 2 Wire Mode, SDA is a data input/out-
put. CDOUT is the control data output for the control port interface in SPI mode.
M1
(Control Port Mode)
14
Mode Select
(Input) - This pin is not used in Control Port Mode and must be termi-
nated to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com