Electronic Components Datasheet Search
  English  ▼

X  

CS43122 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS43122
Description  122dB, 24-Bit, 192kHz DAC for Digital Audio
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43122 Datasheet(HTML) 3 Page - Cirrus Logic

  CS43122 Datasheet HTML 1Page - Cirrus Logic CS43122 Datasheet HTML 2Page - Cirrus Logic CS43122 Datasheet HTML 3Page - Cirrus Logic CS43122 Datasheet HTML 4Page - Cirrus Logic CS43122 Datasheet HTML 5Page - Cirrus Logic CS43122 Datasheet HTML 6Page - Cirrus Logic CS43122 Datasheet HTML 7Page - Cirrus Logic CS43122 Datasheet HTML 8Page - Cirrus Logic CS43122 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
CS43122
3
LIST OF FIGURES
Figure 1. Serial Audio Input Timing ................................................................................................. 9
Figure 2. 2 Wire Mode Control Port Timing................................................................................... 10
Figure 3. SPI Control Port Timing ................................................................................................. 11
Figure 4. Typical Connection Diagram .......................................................................................... 12
Figure 5. Control Port Timing, SPI mode ...................................................................................... 20
Figure 6. Control Port Timing, 2 wire Mode................................................................................... 20
Figure 7. Operational Mode 0 Transition Band ............................................................................ 22
Figure 8. Operational Mode 0 Stopband Rejection ...................................................................... 22
Figure 9. Operational Mode 0 Transition Band ............................................................................ 22
Figure 10. Operational Mode 0 Frequency Response ................................................................. 22
Figure 11. Operational Mode 0 Stopband ..................................................................................... 22
Figure 12. Operational Mode 0 Transition Band .......................................................................... 22
Figure 13. Operational Mode 0 Transition Band .......................................................................... 22
Figure 14. Operational Mode 0 Frequency Response ................................................................. 22
Figure 15. Operational Mode 2 Stopband Rejection .................................................................... 23
Figure 16. Operational Mode 2 Transition Band .......................................................................... 23
Figure 17. Operational Mode 2 Transition Band .......................................................................... 23
Figure 18. Operational Mode 2 Frequency Response ................................................................. 23
Figure 19. De-Emphasis Curve ..................................................................................................... 23
Figure 20. Format 0, Left Justified................................................................................................ 24
Figure 21. Format 1, I2S.............................................................................................................. 24
Figure 22. Format 2, Right Justified, 16-Bit Data ......................................................................... 24
Figure 23. Format 3, Right Justified, 24-Bit Data .......................................................................... 24
LIST OF TABLES
Table 1. Operational Mode 0 (16 to 55 kHz sample rates) Common Clock Frequencies ................ 16
Table 2. Operational Mode 1 (45 to 105 kHz sample rates) Common Clock Frequencies ............. 16
Table 3. Operational Mode 2 (95 to 200 kHz sample rates) Common Clock Frequencies ............. 16
Table 4. Operational Mode 0 (16 to 55 kHz) Digital Interface Format Options................................. 21
Table 5. Operational Mode 0 (16 to 55 kHz) De-Emphasis Options ................................................ 21
Table 6. Operational Mode 1 (45 to 105 kHz) Sample Rate Mode Options ..................................... 21
Table 7. Operational Mode 2 (95 to 200 kHz) Sample Rate Mode Options ..................................... 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com