Electronic Components Datasheet Search
  English  ▼

X  

CS43122 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS43122
Description  122dB, 24-Bit, 192kHz DAC for Digital Audio
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43122 Datasheet(HTML) 1 Page - Cirrus Logic

  CS43122 Datasheet HTML 1Page - Cirrus Logic CS43122 Datasheet HTML 2Page - Cirrus Logic CS43122 Datasheet HTML 3Page - Cirrus Logic CS43122 Datasheet HTML 4Page - Cirrus Logic CS43122 Datasheet HTML 5Page - Cirrus Logic CS43122 Datasheet HTML 6Page - Cirrus Logic CS43122 Datasheet HTML 7Page - Cirrus Logic CS43122 Datasheet HTML 8Page - Cirrus Logic CS43122 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2000
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS43122
122 dB, 24-Bit, 192 kHz DAC for Digital Audio
Features
l 24 Bit Conversion
l Up to 192 kHz Sample Rates
l 122 dB Dynamic Range
l -102 dB THD+N
l Second-Order Dynamic-Element Matching
l Low Clock Jitter Sensitivity
l 102 dB Stop-band attenuation
l Single +5 V supply
l Soft Mute Control
l Digital De-Emphasis for 32, 44.1, and 48 kHz
l External Reference Input
l Pin-compatible with the CS4396
Description
The CS43122 is a complete high performance 24 bit-
192 kHz stereo digital-to-analog conversion system. The
device includes a digital interpolation filter followed by an
oversampled 5 bit delta-sigma modulator which drives
second generation dynamic-element-matching (DEM)
selection logic. The output from the DEM block controls
the input to a multi-element switched capacitor DAC/low-
pass filter, with fully-differential outputs. This multi-bit ar-
chitecture features significantly lower out-of-band noise
and jitter sensitivity than traditional 1-bit designs, and the
advanced second generation DEM guarantees low noise
and distortion at all signal levels.
The CS43122 is the optimal D/A converter solution for
any application that requires the highest performance
and best possible sound quality including high-end con-
sumer and professional audio products such as
Universal DVD players, A/V receivers, Outboard D/A
Converters, CD Players, and Mixing Consoles.
ORDERING INFORMATION
CS43122-KS -10° to 70° C 28-pin SOIC
CDB43122
Evaluation Board
SCLK
MCLK
M4
LRCK
SDATA
AOUTL+
AOUTR+
SERIAL INTERFACE
AND FORMAT SELECT
INTERPOLATION
SOFT MUTE
∆Σ
MODULATOR
DYNAMIC
DE-EMPHASIS
SWITCHED
AOUTL-
AOUTR-
FILT+
FILTER
INTERPOLATION
FILTER
FILTER
MULTI-BIT
∆Σ
MODULATOR
MULTI-BIT
ELEMENT
MATCHING
LOGIC
DYNAMIC
ELEMENT
MATCHING
LOGIC
CAPACITOR-DAC
AND FILTER
SWITCHED
CAPACITOR-DAC
AND FILTER
VREF
CMOUT
FILT-
VOLTAGE REFERENCE
HARDWARE MODE CONTROL
CLOCK
DIVIDER
(CONTROL PORT)
(AD0/CS)
M3
M2
(AD1/CDIN) (SCL/CCLK)
M1
M0
(SDA/CDOUT)
RESET
MUTEC MUTE
DEC ‘00
DS526PP2


Similar Part No. - CS43122

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
CS4312G350 HVPSI-CS4312G350 Datasheet
161Kb / 2P
Standard Recovery High Voltage Diodes
CS4312G400 HVPSI-CS4312G400 Datasheet
161Kb / 2P
Standard Recovery High Voltage Diodes
CS4312U035 HVPSI-CS4312U035 Datasheet
164Kb / 2P
Ultra-fast High Voltage Diodes
CS4312U035 HVPSI-CS4312U035 Datasheet
167Kb / 2P
Ultra-fast High Voltage Diodes
More results

Similar Description - CS43122

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
logo
Asahi Kasei Microsystem...
AK4356 AKM-AK4356 Datasheet
281Kb / 29P
192kHz 24 Bit IX-CHANNEL DAC FOR DVD-AUDIO
AK4355 AKM-AK4355 Datasheet
160Kb / 24P
192kHz 24-Bit 6ch DAC for DVD-Audio
logo
List of Unclassifed Man...
AV2636 ETC-AV2636 Datasheet
821Kb / 16P
24-bit 192kHz Stereo Audio DAC
CE2746 ETC-CE2746 Datasheet
342Kb / 13P
6-Channel Audio DAC, 24-bit, 192kHz
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
24-bit, 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
WM8741 WOLFSON-WM8741 Datasheet
903Kb / 63P
24-bit 192kHz DAC with Advanced Digital Filtering
WM8741 WOLFSON-WM8741_09 Datasheet
862Kb / 64P
24-bit 192kHz DAC with Advanced Digital Filtering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com