Electronic Components Datasheet Search
  English  ▼

X  

CS43122 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS43122
Description  122dB, 24-Bit, 192kHz DAC for Digital Audio
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43122 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS43122 Datasheet HTML 11Page - Cirrus Logic CS43122 Datasheet HTML 12Page - Cirrus Logic CS43122 Datasheet HTML 13Page - Cirrus Logic CS43122 Datasheet HTML 14Page - Cirrus Logic CS43122 Datasheet HTML 15Page - Cirrus Logic CS43122 Datasheet HTML 16Page - Cirrus Logic CS43122 Datasheet HTML 17Page - Cirrus Logic CS43122 Datasheet HTML 18Page - Cirrus Logic CS43122 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
CS43122
15
4.
PIN DESCRIPTION
RST
1
Reset (Input) - The device enters a low power mode and all internal state machines
registers are reset when low. When high, the device will be in a normal operation
mode.
DGND
6, 9
Digital Ground (Input) - Digital ground reference.
VD
7, 8
Digital Power (Input) - Digital power supply. Typically 3.0 to 5.0 VDC.
1
2
3
4
5
6
7
8
9
10
11
12
5
1
2
6
28
27
26
25
24
23
22
21
20
19
18
17
13
14
16
15
Reset
RST
VREF
Voltage Reference
See Description
M4(AD0/CS)
FILT+
Reference Filter
See Description
M3(AD1/CDIN)
FILT-
Reference Ground
See Description
M2(SCL/CCLK)
CMOUT
Common ModeS Voltage
See Description M0(SDA/CDOUT)
AOUTL-
Differential Output
Digital Ground
DGND
AOUTL+
Differential Output
Digital Power
VD
VA
Analog Power
Digital Power
VD
AGND
Analog Ground
Digital Ground
DGND
AOUTR+
Differential Output
Master Clock
MCLK
AOUTR-
Differential Output
Serial Clock
SCLK
AGND
Analog Ground
Left/Right Clock
LRCK
MUTEC
Mute Control
Serial Data
SDATA
C/H
Control port/Hardware select
See Description
M1
MUTE
Soft Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com