Electronic Components Datasheet Search
  English  ▼

X  

AT25DF641 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
AT25DF641
11
3680F–DFLASH–4/10
6.2.
Dual-Output Read Array
The Dual-Output Read Array command is similar to the standard Read Array command and can be used to
sequentially read a continuous stream of data from the device by simply providing the clock signal once the initial
starting address has been specified. Unlike the standard Read Array command, however, the Dual-Output Read
Array command allows two bits of data to be clocked out of the device on every clock cycle rather than just one.
The Dual-Output Read Array command can be used at any clock frequency up to the maximum specified by fRDDO.
To perform the Dual-Output Read Array operation, the
pin must first be asserted and the opcode of 3Bh must
be clocked into the device. After the opcode has been clocked in, the three address bytes must be clocked in to
specify the starting address location of the first byte to read within the memory array. Following the three address
bytes, a single dummy byte must also be clocked into the device.
After the three address bytes and the dummy byte have been clocked in, additional clock cycles will result in data
being output on both the SO and SIO pins. The data is always output with the MSB of a byte first, and the MSB is
always output on the SO pin. During the first clock cycle, bit seven of the first data byte will be output on the SO
pin while bit six of the same data byte will be output on the SIO pin. During the next clock cycle, bits five and four
of the first data byte will be output on the SO and SIO pins, respectively. The sequence continues with each byte
of data being output after every four clock cycles. When the last byte (7FFFFFh) of the memory array has been
read, the device will continue reading back at the beginning of the array (000000h). No delays will be incurred
when wrapping around from the end of the array to the beginning of the array.
Deasserting the
pin will terminate the read operation and p ut the SO and SIO pins into a h igh-impedance
state. The
pin can be deasserted at any time and does not require that a full byte of data be read.
Figure 6-4.
Dual-Output Read Array
CS
SO
SI
SCK
MS B
MS B
2
3
1
0
0
0
1
1
1
0
1
1
6
7
5
4
10 11
9
8
12
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
OPC ODE
A
A
A
A
A
A
A
A
A
MS B
X
X
X
X
X
X
X
X
MS B
MS B
ADDR E S S BITS A23-A0
DON'T C AR E
OUTP UT
DATA B Y TE 1
OUTP UT
DATA B Y TE 2
HIGH-IMPE DANC E
D7 D5 D3 D1 D7 D5 D3 D1 D7 D5
D6 D4 D2 D0 D6 D4 D2 D0 D6 D4
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com