Electronic Components Datasheet Search
  English  ▼

X  

AT25DF641 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 22Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 23Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 24Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 25Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 26Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 27Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
24
AT25DF641
3680F–DFLASH–4/10
The complete three address bytes must be clocked into the device before the
pin is deasserted, and the
pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, the device will abort the
operation, the state of the Sector Protection Register will be unchanged, and the WEL bit in the Status Register
will be reset to a logical “0”.
As a safeguard against accidental or erroneous locking or unlocking of sectors, the Sector Protection Registers
can themselves be locked from updates by using the SPRL (Sector Protection Registers Locked) bit of the Status
Register (please refer to the Status Register description for more details). If the Sector Protection Registers are
locked, then any attempts to issue the Unprotect Sector command will be ignored, and the device will reset the
WEL bit in the Status Register back to a logical “0” and r eturn to the idle state once the
pin has been
deasserted.
Figure 8-4.
Unprotect Sector
SO
SI
SCK
CS
MS B
MS B
2
3
1
0
0
0
1
1
1
0
0
1
6
7
5
4
10 11
9
8
12
31
29 30
27 28
26
OP C ODE
A
A
A
A
A
A
A
A
A
A
A
A
ADDR E S S B ITS A23-A0
HIG H-IMP E DANC E
8.5.
Global Protect/Unprotect
The Global Protect and Global Unprotect features can work in conjunction with the Protect Sector and Unprotect
Sector functions. For example, a system can globally protect the entire memory array and then use the Unprotect
Sector command to individually unprotect certain sectors and i ndividually re-protect them later by using the
Protect Sector command. Likewise, a system can globally unprotect the entire memory array and then individually
protect certain sectors as needed.
Performing a Global Protect or Global Unprotect is accomplished by writing a certain combination of data to the
Status Register using the Write Status Register Byte 1 command (see “Write Status Register Byte 1” on page 38
for command execution details). The Write Status Register command is also used to modify the SPRL (Sector
Protection Registers Locked) bit to control hardware and software locking.
To perform a G lobal Protect, the appropriate
pin and SPRL conditions must be met, and the system must
write a logical “1” to bits five, four, three, and two of the first byte of the Status Register. Conversely, to perform a
Global Unprotect, the same
and SPRL conditions must be met but the system must write a logical “0” to bits
five, four, three, and two of the first byte of the Status Register. Table 8-2 details the conditions necessary for a
Global Protect or Global Unprotect to be performed.
Sectors that have been erase or program suspended must remain in the unprotected state. If a Global Protect
operation is attempted while a s ector is erase or program suspended, the protection operation will abort, the
protection states of all sectors in the Flash memory array will not change, and WEL bit in the Status Register will
be reset back to a logical “0”.
WP
WP
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com