Electronic Components Datasheet Search
  English  ▼

X  

AT25DF641 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 27Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 28Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
AT25DF641
31
3680F–DFLASH–4/10
9.3.
Read Sector Lockdown Registers
The Sector Lockdown Registers can be read to determine the current lockdown status of each physical 64-Kbyte
sector. To read the Sector Lockdown Register for a particular 64-Kbyte sector, the
pin must first be asserted
and the opcode of 35h must be clocked in. Once the opcode has been clocked in, three address bytes
designating any address within the 64-Kbyte sector must be c locked in. After the address bytes have been
clocked in, data will be output on the SO pin during every subsequent clock cycle. The data being output will be a
repeating byte of either FFh or 00h to denote the value of the appropriate Sector Lockdown Register.
At clock frequencies above fCLK, the first byte of data output will not be v alid. Therefore, if operating at clock
frequencies above fCLK, at least two bytes of data must be clocked out from the device in order to determine the
correct status of the appropriate Sector Lockdown Register.
Table 9-3.
Read Sector Lockdown Register – Output Data
Output Data
Sector Lockdown Register Value
00h
Sector Lockdown Register value is 0 (sector is not locked down)
FFh
Sector Lockdown Register value is 1 (sector is permanently locked down)
Deasserting the
pin will terminate the read operation and put the SO pin into a high-impedance state. The
pin can be deasserted at any time and does not require that a full byte of data be read.
Figure 9-3.
Read Sector Lockdown Register
SO
SI
SCK
CS
MS B
MS B
2
3
1
0
0
0
1
1
0
1
0
1
6
7
5
4
10 11
9
8
12
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
OPCODE
A A A A
A A A
A A
MS B
X
X
X
X
X
X
X
X
MS B
MS B
D D D D D D D D
D
D
ADDR E S S BITS A23-A0
DON'T CAR E
DATA BYTE
HIGH-IMPE DANCE
9.4.
Program OTP Security Register
The device contains a s pecialized OTP (One-Time Programmable) Security Register that can be used for
purposes such as unique device serialization, system-level Electronic Serial Number (ESN) storage, locked key
storage, etc. The OTP Security Register is independent of the main Flash memory array and is comprised of a
total of 128-bytes of memory divided into two portions. The first 64-bytes (byte locations 0 through 63) of the OTP
Security Register are allocated as a one-time user-programmable space. Once these 64-bytes have been
programmed, they cannot be erased or reprogrammed. The remaining 64-bytes of the OTP Security Register
(byte locations 64 through 127) are factory programmed by Adesto® and will contain a unique value for each
device. The factory programmed data is fixed and cannot be changed.
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com