Electronic Components Datasheet Search
  English  ▼

X  

AT25DF641 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 22Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 23Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 24Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 25Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 26Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
AT25DF641
23
3680F–DFLASH–4/10
Before the Protect Sector command can be issued, the Write Enable command must have been previously issued
to set the WEL bit in the Status Register to a logical “1”. To issue the Protect Sector command, the
pin must
first be as serted and the opcode of 36h must be clocked into the device followed by three address bytes
designating any address within the sector to be protected. Any additional data clocked into the device will be
ignored. When the
pin is deasserted, the Sector Protection Register corresponding to the physical sector
addressed by A23-A0 will be set to the logical “1” state, and the sector itself will then be protected from program
and erase operations. In addition, the WEL bit in the Status Register will be reset back to the logical “0” state.
The complete three address bytes must be clocked into the device before the
pin is deasserted, and the
pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, the device will abort the
operation. When the device aborts the Protect Sector operation, the state of the Sector Protection Register will be
unchanged, and the WEL bit in the Status Register will be reset to a logical “0”.
As a safeguard against accidental or erroneous protecting or unprotecting of sectors, the Sector Protection
Registers can themselves be locked from updates by using the SPRL (Sector Protection Registers Locked) bit of
the Status Register (please refer to the Status Register Commands description for more details). If the Sector
Protection Registers are locked, then any attempts to issue the Protect Sector command will be ignored, and the
device will reset the WEL bit in the Status Register back to a logical “0” and return to the idle state once the
pin has been deasserted.
Figure 8-3.
Protect Sector
SO
SI
SCK
CS
MS B
MS B
2
3
1
0
0
0
1
1
0
1
1
0
6
7
5
4
10 11
9
8
12
31
29 30
27 28
26
OP C ODE
A
A
A
A
A
A
A
A
A
A
A
A
ADDR E S S B ITS A23-A0
HIG H-IMP E DANC E
8.4.
Unprotect Sector
Issuing the Unprotect Sector command to a particular sector address will reset the corresponding Sector
Protection Register to the logical “0” state (see Table 8-2 for Sector Protection Register values). Every physical
sector of the device has a corresponding single-bit Sector Protection Register that is used to control the software
protection of a sector.
Before the Unprotect Sector command can be issued, the Write Enable command must have been previously
issued to set the WEL bit in the Status Register to a logical “1”. To issue the Unprotect Sector command, the
pin must first be as serted and the opcode of 39h must be c locked into the device. After the opcode has been
clocked in, the three address bytes designating any address within the sector to be unprotected must be clocked
in. Any additional data clocked into the device after the address bytes will be ignored. When the
pin is
deasserted, the Sector Protection Register corresponding to the sector addressed by A23-A0 will be reset to the
logical “0” state, and the sector itself will be unprotected. In addition, the WEL bit in the Status Register will be
reset back to the logical “0” state.
CS
CS
CS
CS
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com