Electronic Components Datasheet Search
  English  ▼

X  

AT25DF641 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 22Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 23Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 24Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 25Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 26Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 27Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 28Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
26
AT25DF641
3680F–DFLASH–4/10
If the desire is to only change the SPRL bit without performing a G lobal Protect or Global Unprotect, then the
system can simply write a 0Fh to the first byte of the Status Register to change the SPRL bit from a logical “1” to a
logical “0” provided the
pin is deasserted. Likewise, the system can write an F0h to change the SPRL bit from
a logical “0” to a logical “1” without affecting the current sector protection status (no changes will be made to the
Sector Protection Registers).
When writing to the first byte of the Status Register, bits five, four, three, and two will not actually be modified but
will be dec oded by the device for the purposes of the Global Protect and G lobal Unprotect functions. Only bit
seven, the SPRL bit, will actually be modified. Therefore, when reading the first byte of the Status Register, bits
five, four, three, and two will not reflect the values written to them but will instead indicate the status of the
pin
and the sector protection status. Please refer to “Status Register Commands” on page 34 and Table 10-1 on page
34 for details on the Status Register format and what values can be read for bits five, four, three, and two.
8.6.
Read Sector Protection Registers
The Sector Protection Registers can be read to determine the current software protection status of each sector.
Reading the Sector Protection Registers, however, will not determine the status of the
pin.
To read the Sector Protection Register for a particular sector, the
pin must first be asserted and the opcode of
3Ch must be clocked in. Once the opcode has been clocked in, three address bytes designating any address
within the sector must be clocked in. After the last address byte has been clocked in, the device will begin
outputting data on the SO pin during every subsequent clock cycle. The data being output will be a repeating byte
of either FFh or 00h to denote the value of the appropriate Sector Protection Register.
At clock frequencies above fCLK, the first byte of data output will not be v alid. Therefore, if operating at clock
frequencies above fCLK, at least two bytes of data must be clocked out from the device in order to determine the
correct status of the appropriate Sector Protection Register.
Table 8-3.
Read Sector Protection Register - Output Data
Output Data
Sector Protection Register Value
00h
Sector Protection Register value is 0 (sector is unprotected)
FFh
Sector Protection Register value is 1 (sector is protected)
Deasserting the
pin will terminate the read operation and put the SO pin into a high-impedance state. The
pin can be deasserted at any time and does not require that a full byte of data be read.
In addition to reading the individual Sector Protection Registers, the Software Protection Status (SWP) bits in the
Status Register can be r ead to determine if all, some, or none of the sectors are software protected (refer to
“Read Status Register” on page 34 for more details).
CS
CS
CS
WP
WP
WP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com