Electronic Components Datasheet Search
  English  ▼

X  

AT25DF641 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 38Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 39Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 40Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 41Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
38
AT25DF641
3680F–DFLASH–4/10
10.2. Write Status Register Byte 1
The Write Status Register Byte 1 c ommand is used to modify the SPRL bit of the Status Register and/or to
perform a Global Protect or Global Unprotect operation. Before the Write Status Register Byte 1 command can be
issued, the Write Enable command must have been previously issued to set the WEL bit in the Status Register to
a logical “1”.
To issue the Write Status Register Byte 1 command, the
pin must first be asserted and the opcode of 01h
must be clocked into the device followed by one byte of data. The one byte of data consists of the SPRL bit value,
a don’t care bit, four data bits to denote whether a Global Protect or Unprotect should be performed, and two
additional don’t care bits (see Table 10-3). Any additional data bytes that are sent to the device will be ignored.
When the
pin is deasserted, the SPRL bit in the Status Register will be modified, and the WEL bit in the Status
Register will be reset back to a logical “0”. The values of bits five, four, three, and two and the state of the SPRL
bit before the Write Status Register Byte 1 command was executed (the prior state of the SPRL bit) will determine
whether or not a Global Protect or Global Unprotect will be performed. Please refer to “Global Protect/Unprotect”
on page 24 for more details.
The complete one byte of data must be clocked into the device before the
pin is deasserted, and the
pin
must be deasserted on even byte boundaries (multiples of eight bits); otherwise, the device will abort the
operation, the state of the SPRL bit will not change, no potential Global Protect or Unprotect will be performed,
and the WEL bit in the Status Register will be reset back to the logical “0” state.
If the
pin is asserted, then the SPRL bit can only be set to a logical “1”. If an attempt is made to reset the
SPRL bit to a logical “0” while the
pin is asserted, then the Write Status Register Byte 1 command will be
ignored, and the WEL bit in the Status Register will be reset back to the logical “0” state. In order to reset the
SPRL bit to a logical “0”, the
pin must be deasserted.
Table 10-3.
Write Status Register Byte 1 Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPRL
X
Global Protect/Unprotect
X
X
Figure 10-2.
Write Status Register Byte 1
SO
SI
SCK
CS
MS B
2
3
1
0
0
0
0
0
0
0
0
6
7
5
4
OPCODE
10 11
9
8
14 15
13
12
1
MS B
D
X
D
D
D
D
X
X
S TATUS R E GIS TE R IN
BYTE 1
HIG H-IMP E DANC E
WP
WP
WP
CS
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com