Electronic Components Datasheet Search
  English  ▼

X  

AT25DF641 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
AT25DF641
7
3680F–DFLASH–4/10
4.
Device Operation
The AT25DF641 is controlled by a set of instructions that are sent from a host controller, commonly referred to as
the SPI Master. The SPI Master communicates with the AT25DF641 via the SPI bus which is comprised of four
signal lines: Chip Select ( ), Serial Clock (SCK), Serial Input (SI), and Serial Output (SO).
The AT25DF641 features a dual-input program mode in which the SO pin become an input. Similarly, the device
also features a d ual-output read mode in which the SI pin becomes an output. In the Dual-Input Byte/Page
Program command description, the SO pin will be referred to as the SOI (Serial Output/Input) pin, and in the Dual-
Output Read Array command, the SI pin will be referenced as the SIO (Serial Input/Output) pin.
The SPI protocol defines a total of four modes of operation (mode 0, 1, 2, or 3) with each mode differing in
respect to the SCK polarity and phase and how the polarity and phase control the flow of data on the SPI bus.
The AT25DF641 supports the two most common modes, SPI Modes 0 and 3. The only difference between SPI
Modes 0 and 3 is the polarity of the SCK signal when in the inactive state (when the SPI Master is in standby
mode and not transferring any data). With SPI Modes 0 and 3, data is always latched in on the rising edge of
SCK and always output on the falling edge of SCK.
Figure 4-1.
SPI Mode 0 and 3
SO
SI
SCK
CS
MS B
LS B
MS B
LS B
5.
Commands and Addressing
A valid instruction or operation must always be started by first asserting the
pin. After the
pin has been
asserted, the host controller must then clock out a v alid 8-bit opcode on t he SPI bus. Following the opcode,
instruction dependent information such as address and data bytes would then be c locked out by the host
controller. All opcode, address, and d ata bytes are transferred with the most-significant bit (MSB) first. An
operation is ended by deasserting the
pin.
Opcodes not supported by the AT25DF641 will be ignored by the device and no operation will be started. The
device will continue to ignore any data presented on the SI pin until the start of the next operation (
pin being
deasserted and then reasserted). In addition, if the
pin is deasserted before complete opcode and address
information is sent to the device, then no operation will be performed and the device will simply return to the idle
state and wait for the next operation.
Addressing of the device requires a total of three bytes of information to be sent, representing address bits A23-
A0. Since the upper address limit of the AT25DF641 memory array is 7FFFFFh, address bit A23 is always
ignored by the device.
CS
CS
CS
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com