Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021D Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AT45DB021D
Description  2-megabit 2.7V Minimum DataFlash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB021D Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AT45DB021D_13 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
16
3638M–DFLASH–5/2013
AT45DB021D
8.1.1
Sector Lockdown Register
Sector Lockdown Register is a nonvolatile register that contains 8-bytes of data, as shown below:
Table 8-2.
Sector Lockdown Register
Table 8-3.
Sector 0 (0a, 0b)
8.1.2
Reading the Sector Lockdown Register
The Sector Lockdown Register can be read to determine which sectors in the memory array are permanently
locked down. To read the Sector Lockdown Register, the CS pin must first be asserted. Once the CS pin has been
asserted, an opcode of 35H and 3 dummy bytes must be clocked into the device via the SI pin. After the last bit of
the opcode and dummy bytes have been clocked in, the data for the contents of the Sector Lockdown Register will
be clocked out on the SO pin. The first byte corresponds to sector 0 (0a, 0b) the second byte corresponds to sector
one and the last byte (byte eight) corresponds to sector seven. After the last byte of the Sector Lockdown Register
has been read, additional pulses on the SCK pin will simply result in undefined data being output on the SO pin.
Deasserting the CS pin will terminate the Read Sector Lockdown Register operation and put the SO pin into a
high-impedance state.
Table 8-4 details the values read from the Sector Lockdown Register.
Table 8-4.
Sector Lockdown Register
Figure 8-2.
Read Sector Lockdown Register
Sector Number
0 (0a, 0b)
1 to 7
Locked
See Below
FFH
Unlocked
00H
0a
0b
Bit 3, 2
Data
Value
(Page 0-7)
(Page 8-127)
Bit 7, 6
Bit 5, 4
Bit 1, 0
Sectors 0a, 0b Unlocked
00
00
00
00
00H
Sector 0a Locked (Page 0-7)
11
00
00
00
C0H
Sector 0b Locked (Page 8-127)
00
11
00
00
30H
Sectors 0a, 0b Locked (Page 0-127)
11
11
00
00
F0H
Command
Byte 1
Byte 2
Byte 3
Byte 4
Read Sector Lockdown Register
35H
xxH
xxH
xxH
Note:
xx = Dummy Byte
Opcode
X
X
X
Data Byte
n
Data Byte
n + 1
CS
Data Byte
n + 7
SI
SO
Each transition
represents 8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com