Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021D Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # AT45DB021D
Description  2-megabit 2.7V Minimum DataFlash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB021D Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button AT45DB021D_13 Datasheet HTML 39Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 40Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 41Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 42Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 43Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 44Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 45Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 46Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
43
3638M–DFLASH–5/2013
AT45DB021D
21.
Ordering Information
21.1 Ordering Code Detail
21.2 Green Package Options (Pb/Halide-free/RoHS Compliant)
Notes: 1. The shipping carrier option is not marked on the devices
2. Standard parts are shipped with the page size set to 264-bytes. The user is able to configure these parts to a 256-
byte page size if desired
3. Parts ordered with suffix SL954 are shipped in bulk with the page size set to 256-bytes. Parts will have a 954 or
SL954 marked on them
4. Parts ordered with suffix SL955 are shipped in tape and reel with the page size set to 256-bytes. Parts will have a
954 or SL954 marked on them
A T 4 5 D
0 2
S S H
B
1D–
–
B
Designator
Product Family
Device Density
02 = 2-megabit
Interface
1 = Serial
Package Option
M = 8-lead, 6 x 5 x 0.6mm UDFN
SS = 8-lead, 0.150" wide SOIC
S
= 8-lead, 0.209" wide SOIC
Device Grade
H = NiPdAu lead finish, industrial
temperature range (-40°C to +85°C)
Shipping Carrier Option
B = Bulk (tubes)
Y = Trays
T = Tape and reel
Device Revision
Ordering Code(1)(2)
Package
Lead Finish
Operating Voltage
fSCK (MHz)
Operation Range
AT45DB021D-MH-Y
AT45DB021D-MH-T
AT45DB021D-MH-SL954(3)
AT45DB021D-MH-SL955(4)
8MA1
NiPdAu
2.7V to 3.6V
66
Industrial
(-40°C to +85°C)
AT45DB021D-SSH-B
AT45DB021D-SSH-T
AT45DB021D-SSH-SL954(3)
AT45DB021D-SSH-SL955(4)
8S1
AT45DB021D-SH-B
AT45DB021D-SH-T
AT45DB021D-SH-SL954(3)
AT45DB021D-SH-SL955(4)
8S2
Package Type
8MA1
8-lead (6 x 5 x 0.6mm Body), Thermally Enhanced Plastic Ultra Thin Dual Flat No Lead Package (UDFN)
8S1
8-lead, 0.150” Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC)
8S2
8-lead, 0.209” Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com