Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021D Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # AT45DB021D
Description  2-megabit 2.7V Minimum DataFlash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB021D Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button AT45DB021D_13 Datasheet HTML 25Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 26Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 27Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 28Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 29Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 30Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 31Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
29
3638M–DFLASH–5/2013
AT45DB021D
read operations after reprogramming before the contents could potentially be altered. For example, if the Serial
Flash is being used for boot code storage, then it would take 800,000,000 boot operations before that boot code
may become altered, provided that the boot code was not updated or reprogrammed. If an application was to read
the entire memory array non-stop at a clock frequency of 10MHz, it would take over five years to reach
800,000,000 read operations. Adesto firmly believes that this extended testing result should not be a cause for
concern. We also believe that most, if not all, applications will never read the same portion of memory 800,000,000
times throughout the life of the application without ever updating that portion of memory.
16.
Electrical Specifications
Table 16-1.
DC and AC Operating Range
Temperature under Bias..................-55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. The "Absolute Maximum Rat-
ings" are stress ratings only and functional
operation of the device at these or any other con-
ditions beyond those indicated in the operational
sections of this specification is not implied. Expo-
sure to absolute maximum rating conditions for
extended periods may affect device reliability.
Voltage Extremes referenced in the "Absolute
Maximum Ratings" are intended to accommodate
short duration undershoot/overshoot conditions
and does not imply or guarantee functional
device operation at these levels for any extended
period of time
Storage Temperature ......................-65°C to +150°C
All Input Voltages (except VCC but including NC
pins))
with Respect to Ground.................... -0.6V to +6.25V
All Output Voltages
with Respect to Ground.............. -0.6V to VCC + 0.6V
AT45DB021D
Operating Temperature (Case)
Ind.
-40°C to 85°C
VCC Power Supply
2.7V to 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com