Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021D Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AT45DB021D
Description  2-megabit 2.7V Minimum DataFlash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB021D Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AT45DB021D_13 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
4
3638M–DFLASH–5/2013
AT45DB021D
2.
Memory Array
To provide optimal flexibility, the memory array of the AT45DB021D is divided into three levels of granularity
comprising of sectors, blocks, and pages. The “Memory Architecture Diagram” illustrates the breakdown of each
level and details the number of pages per sector and block. All program operations to the DataFlash occur on a
page-by-page basis. The erase operations can be performed at the chip, sector, block or page level.
Figure 2-1.
Memory Architecture Diagram
3.
Device Operation
The device operation is controlled by instructions from the host processor. The list of instructions and their
associated opcodes are contained in Tables 13-1 through 13-7. A valid instruction starts with the falling edge of CS
followed by the appropriate 8-bit opcode and the desired buffer or main memory address location. While the CS pin
is low, toggling the SCK pin controls the loading of the opcode and the desired buffer or main memory address
location through the SI (serial input) pin. All instructions, addresses, and data are transferred with the most
significant bit (MSB) first.
Buffer addressing for the DataFlash standard page size (264-bytes) is referenced in the datasheet using the
terminology BFA8 - BFA0 to denote the nine address bits required to designate a byte address within a buffer.
Main memory addressing is referenced using the terminology PA9 - PA0 and BA8 - BA0, where PA9 - PA0
denotes the 10-address bits required to designate a page address and BA8 - BA0 denotes the nine address bits
required to designate a byte address within the page.
For the “Power of 2” binary page size (256-bytes), the Buffer addressing is referenced in the datasheet using the
conventional terminology BFA7 - BFA0 to denote the eight address bits required to designate a byte address within
a buffer. Main memory addressing is referenced using the terminology A17 - A0, where A17 - A8 denotes the 10-
address bits required to designate a page address and A7 - A0 denotes the eight address bits required to
designate a byte address within a page.
SECTOR 0a = 8 Pages
2,048 / 2,112-bytes
SECTOR 0b = 120 Pages
31,744 / 32,726-bytes
Block = 2,048 / 2,112-bytes
8 Pages
SECTOR 0a
Page = 256 / 264-bytes
PAGE 0
PAGE 1
PAGE 6
PAGE 7
PAGE 8
PAGE 9
PAGE 1,022
PAGE 1,023
PAGE 14
PAGE 15
PAGE 16
PAGE 17
PAGE 18
SECTOR ARCHITECTURE
BLOCK ARCHITECTURE
PAGE ARCHITECTURE
BLOCK 0
BLOCK 1
BLOCK 14
BLOCK 15
BLOCK 16
BLOCK 17
BLOCK 126
BLOCK 127
BLOCK 30
BLOCK 31
BLOCK 32
BLOCK 33
SECTOR 7 = 128 Pages
32,768 / 33,792-bytes
BLOCK 2
SECTOR 1 = 128 Pages
32,768 / 33,792-bytes
SECTOR 6 = 128 Pages
32,768 / 33,792-bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com