Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021D Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # AT45DB021D
Description  2-megabit 2.7V Minimum DataFlash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB021D Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button AT45DB021D_13 Datasheet HTML 24Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 25Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 26Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 27Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 28Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 29Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 30Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 31Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
28
3638M–DFLASH–5/2013
AT45DB021D
14.
Power-on/Reset State
When power is first applied to the device, or when recovering from a reset condition, the device will default to Mode
3. In addition, the output pin (SO) will be in a high impedance state, and a high-to-low transition on the CS pin will
be required to start a valid instruction. The mode (Mode 3 or Mode 0) will be automatically selected on every falling
edge of CS by sampling the inactive clock state.
14.1 Initial Power-up/Reset Timing Restrictions
At power up, the device must not be selected until the supply voltage reaches the VCC (min.) and further delay of
tVCSL. During power-up, the internal Power-on Reset circuitry keeps the device in reset mode until the VCC rises
above the Power-on Reset threshold value (VPOR). At this time, all operations are disabled and the device does not
respond to any commands. After power up is applied and the VCC is at the minimum operating voltage VCC (min.),
the tVCSL delay is required before the device can be selected in order to perform a read operation.
Similarly, the tPUW delay is required after the VCC rises above the Power-on Reset threshold value (VPOR) before the
device can perform a write (Program or Erase) operation. After initial power-up, the device will default in Standby
mode.
Table 14-1.
Initial Power-up/Reset Timing Restrictions
15.
System Considerations
The serial interface is controlled by the clock SCK, serial input SI and chip select CS pins. These signals must rise
and fall monotonically and be free from noise. Excessive noise or ringing on these pins can be misinterpreted as
multiple edges and cause improper operation of the device. The PC board traces must be kept to a minimum
distance or appropriately terminated to ensure proper operation. If necessary, decoupling capacitors can be added
on these pins to provide filtering against noise glitches.
As system complexity continues to increase, voltage regulation is becoming more important. A key element of any
voltage regulation scheme is its current sourcing capability. Like all Flash memories, the peak current for
DataFlash occur during the programming and erase operation. The regulator needs to supply this peak current
requirement. An under specified regulator can cause current starvation. Besides increasing system noise, current
starvation during programming or erase can lead to improper operation and possible data corruption.
In an effort to continue our goal of maintaining world-class quality leadership, Adesto has been performing
extensive testing on the AT45DB021D that would not normally be done with a Serial Flash device. The testing that
has been performed on the AT45DB021D involved extensive, non-stop reading of the memory array on pre-
conditioned devices. The pre-conditioning of the devices, which entailed erasing and programming the entire
memory array 10,000 times, was done to simulate a customer environment and to exercise the memory cells to a
certain degree. The non-stop reading of the devices was done in three levels of granularity, with the first level
involving a continuous, looped read of 256-bytes (a single page) of memory, the second level involving a
continuous, looped-read of a 4-Kbyte (16-pages) portion of memory, and the third level entailing non-stop reading
of the entire memory array. Read operations were performed at both +25°C and +125°C and with a supply voltage
of 3.7V, which exceeds the specified datasheet operating voltage range. The results of all of the extensive tests
indicate that the contents of a portion of memory being read continuously could be altered after 800,000,000 read
operations only if that portion of the memory was not erased or reprogrammed at all during the 800,000,000 read
operations. If that portion of memory was reprogrammed at some point, then it would take another 800,000,000
Symbol
Parameter
Min
Typ
Max
Units
tVCSL
VCC (min.) to Chip Select low
1
ms
tPUW
Power-Up Device Delay before Write Allowed
20
ms
VPOR
Power-On Reset Voltage
1.5
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com