Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021D Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AT45DB021D
Description  2-megabit 2.7V Minimum DataFlash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB021D Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AT45DB021D_13 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
3
3638M–DFLASH–5/2013
AT45DB021D
Notes: 1. The metal pad on the bottom of the UDFN package is floating. This pad can be a “No Connect” or connected to
GND
Figure 1-3.
Block Diagram
Figure 1-1.
SOIC Top View
Figure 1-2.
UDFN Top View(1)
1
2
3
4
8
7
6
5
SI
SCK
RESET
CS
SO
GND
VCC
WP
SI
SCK
RESET
CS
SO
GND
VCC
WP
8
7
6
5
1
2
3
4
FLASH MEMORY ARRAY
BUFFER (256-/264-BYTES)
I/O INTERFACE
SCK
CS
RESET
VCC
GND
WP
SO
SI
PAGE (256-/264-BYTES)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com