Electronic Components Datasheet Search
  English  ▼

X  

DS2182 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS2182
Description  T1 Line Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2182 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS2182 Datasheet HTML 3Page - Dallas Semiconductor DS2182 Datasheet HTML 4Page - Dallas Semiconductor DS2182 Datasheet HTML 5Page - Dallas Semiconductor DS2182 Datasheet HTML 6Page - Dallas Semiconductor DS2182 Datasheet HTML 7Page - Dallas Semiconductor DS2182 Datasheet HTML 8Page - Dallas Semiconductor DS2182 Datasheet HTML 9Page - Dallas Semiconductor DS2182 Datasheet HTML 10Page - Dallas Semiconductor DS2182 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DS2182A
7 of 25
occurrences of 8 consecutive zeros when B8ZS is enabled or 16 consecutive zeros when B8Z5 is
disabled. This counter increments at all times and is not disabled by a loss of sync condition (RLOS = 1).
The counter saturates at 65,535 and generates an interrupt for each occurrence after saturation if RIMR2.0
is set.
NOTE:
1. In order to properly preset the Bipolar Violation Count Register, BVCR2 must be written to before
BVCR1 is written to.
CRCCR: CRC COUNT REGISTER 2 Figure 5
MSB
LSB
CRC7
CRC6
CRC5
CRC4
CRC3
CRC2
CRC1
CRC0
SYMBOL
POSITION
NAME AND DESCRIPTION
CRC7
CRCCR.7
MSB of CRC6 word error count
CRC0
CRCCR.0
LSB of CRC6 word error count
The CRC Count Register (CRCCR) is an 8-bit presettable counter that records word errors in the Cyclic
Redundancy Check (CRC). This 8-bit binary counter saturates at 255 and generates an interrupt for each
occurrence after saturation if RIMR2.1 is set. The count in this register is only valid in the 193E framing
mode (RCR2.4 = 1) and is reset and disabled in the 193S framing mode (RCR2.4 = 0). The count is
disabled during a loss of sync condition (RLOS = 1).
OOFCR: OOF COUNT REGISTER Figure 6
MSB
LSB
OOF7
OOF6
OOF5
OOF4
OOF3
OOF2
OOF1
OOF0
SYMBOL
POSITION
NAME AND DESCRIPTION
OOF7
OOFCR.7
MSB of OOF event count
OFF0
OOFCR.0
LSB of OOF of event count
The OOF Count Register (OOFCR) is an 8-bit presettable counter that records Out Of Frame (OOF)
events.
OOF events are defined by RCR1.5 and RCR1.6. This 8-bit counter saturates at 255 and
generates an interrupt for each occurrence after saturation if RIMR2.2 is set. The count is disabled during
a loss of sync condition (RLOS = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com