Electronic Components Datasheet Search
  English  ▼

X  

DS2182 Datasheet(PDF) 19 Page - Dallas Semiconductor

Part # DS2182
Description  T1 Line Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2182 Datasheet(HTML) 19 Page - Dallas Semiconductor

Back Button DS2182 Datasheet HTML 15Page - Dallas Semiconductor DS2182 Datasheet HTML 16Page - Dallas Semiconductor DS2182 Datasheet HTML 17Page - Dallas Semiconductor DS2182 Datasheet HTML 18Page - Dallas Semiconductor DS2182 Datasheet HTML 19Page - Dallas Semiconductor DS2182 Datasheet HTML 20Page - Dallas Semiconductor DS2182 Datasheet HTML 21Page - Dallas Semiconductor DS2182 Datasheet HTML 22Page - Dallas Semiconductor DS2182 Datasheet HTML 23Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
DS2182A
19 of 25
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.1V to +7.0V
Operating Temperature
0° to 70°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Logic 1
VIH
2.0
VCC+0.3
V
Input Logic 0
VIL
-0.3
+0.8
V
Supply
VDD
4.50
5.50
V
DC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; V
DD = 5V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current
IDD
3
mA
1,2
Input Leakage
IL
-1.0
+1.0
µA
3
Output Current (2.4V)
IOH
-1.0
mA
4
Output Current (0.4V)
IOL
+4.0
mA
5
Output Leakage
ILO
-1.0
+1.0
µA
6
CAPACITANCE
(tA=25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
pF
Output Capacitance
COUT
7
pF
NOTES:
1. RCLK = 1.544 MHz.
2. Outputs open.
3. 0V < VIN < VDD.
4. All outputs except INT which is open collector.
5. All outputs.
6. Applies to SDO when tri-stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com