Electronic Components Datasheet Search
  English  ▼

X  

DS2182 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS2182
Description  T1 Line Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2182 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS2182 Datasheet HTML 5Page - Dallas Semiconductor DS2182 Datasheet HTML 6Page - Dallas Semiconductor DS2182 Datasheet HTML 7Page - Dallas Semiconductor DS2182 Datasheet HTML 8Page - Dallas Semiconductor DS2182 Datasheet HTML 9Page - Dallas Semiconductor DS2182 Datasheet HTML 10Page - Dallas Semiconductor DS2182 Datasheet HTML 11Page - Dallas Semiconductor DS2182 Datasheet HTML 12Page - Dallas Semiconductor DS2182 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DS2182A
9 of 25
RECEIVE STATUS REGISTERS
The receive status registers (RSR1 and RSR2) can be used in either a polled or an interrupt configuration.
In a polled configuration, the user reads the RSR at regular intervals to check for alarms. In an interrupt
configuration, the user monitors the INT pin. When the INT pin goes low, an alarm condition has
occurred and has been reported in one of the RSRs. The processor can then read the RSRs to find which
bits have been set. All of the bits in the RSRs operate in a latched fashion. That is, once set, they remain
set until read. The bits in the RSR are cleared when read unless the read was performed in the burst mode
or the alarm condition still exists.
YELLOW ALARM
193S BIT 2. If RCR2.4 = 0 and RCR2.3 = 0, then the DS2182A examines bit 2 of all incoming channels
for the presence of a yellow alarm. If bit 2 is set to 0 in 256 consecutive channels, then the reception of a
yellow alarm is declared. The alarm is considered cleared when the first channel with bit 2 set to a 1 is
received.
193S S-BIT. If RCR2.4 = 0 and RCR2.3 = 1, then the DS2182A examines the S-bit position of frame 12
for the presence of a yellow alarm. The DS2182A declares the presence of a yellow alarm on the first
occurrence of the S-bit in frame 12 being set to 1. The alarm is considered cleared when this S-bit returns
to 0.
193E FDL. If RCR2.4 = 1, then the DS2182A examines the FDL for a repeating 00FF pattern. If this
pattern is received in the FDL 16 consecutive times without error, then a yellow alarm is declared. The
alarm is considered cleared as soon as any pattern other than 00FF is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com