Electronic Components Datasheet Search
  English  ▼

X  

DS2182 Datasheet(PDF) 20 Page - Dallas Semiconductor

Part # DS2182
Description  T1 Line Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2182 Datasheet(HTML) 20 Page - Dallas Semiconductor

Back Button DS2182 Datasheet HTML 16Page - Dallas Semiconductor DS2182 Datasheet HTML 17Page - Dallas Semiconductor DS2182 Datasheet HTML 18Page - Dallas Semiconductor DS2182 Datasheet HTML 19Page - Dallas Semiconductor DS2182 Datasheet HTML 20Page - Dallas Semiconductor DS2182 Datasheet HTML 21Page - Dallas Semiconductor DS2182 Datasheet HTML 22Page - Dallas Semiconductor DS2182 Datasheet HTML 23Page - Dallas Semiconductor DS2182 Datasheet HTML 24Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
DS2182A
20 of 25
CHARACTERISTICS
1,2 SERIAL PORT
(0
°C to 70°C; V
DD = 5V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
SDI to SCLK Setup
tDC
50
ns
SCLK to SDI Hold
tCHD
50
ns
SDI to SCLK Falling Edge
tCD
50
ns
SCLK Low Time
tCL
250
ns
SCLK High Time
tCH
250
ns
SCLK Rise and Fall Times
tR, tF
100
ns
CS
to SCLK Setup
tCC
50
ns
SCLK to CS Hold
tCCH
50
ns
CS
Inactive Time
tCWH
2.5
µs
SCLK to SDO Valid
tCDV
200
ns
CS
to SDO High Z
tCDZ
75
ns
NOTES:
1. Measured at VIH = 2.0 or VIL = .8 and 10ns maximum rise and fall time.
2. Output load capacitance = 100 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com