Electronic Components Datasheet Search
  English  ▼

X  

DS5002FP Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS5002FP
Description  Secure Microprocessor Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5002FP Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS5002FP Datasheet HTML 3Page - Dallas Semiconductor DS5002FP Datasheet HTML 4Page - Dallas Semiconductor DS5002FP Datasheet HTML 5Page - Dallas Semiconductor DS5002FP Datasheet HTML 6Page - Dallas Semiconductor DS5002FP Datasheet HTML 7Page - Dallas Semiconductor DS5002FP Datasheet HTML 8Page - Dallas Semiconductor DS5002FP Datasheet HTML 9Page - Dallas Semiconductor DS5002FP Datasheet HTML 10Page - Dallas Semiconductor DS5002FP Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DS5002FP Secure Microprocessor Chip
7 of 25
AC CHARACTERISTICS—SERIAL PORT TIMING, MODE 0
(VCC = 5V ±10%, TA = 0°C to +70°C.) (Figure 5)
#
PARAMETER
SYMBOL
MIN
MAX
UNITS
35
Serial Port Clock Cycle Time
tSPCLK
12tCLK
µs
36
Output Data Setup to Rising Clock Edge
tDOCH
10tCLK - 133
ns
37
Output Data Hold after Rising Clock Edge
tCHDO
2tCLK - 117
ns
38
Clock Rising Edge to Input Data Valid
tCHDV
10tCLK - 133
ns
39
Input Data Hold after Rising Clock Edge
tCHDIV
0
ns
Figure 5. Serial Port Timing, Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com