Electronic Components Datasheet Search
  English  ▼

X  

DS5002FP Datasheet(PDF) 25 Page - Dallas Semiconductor

Part # DS5002FP
Description  Secure Microprocessor Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5002FP Datasheet(HTML) 25 Page - Dallas Semiconductor

Back Button DS5002FP Datasheet HTML 17Page - Dallas Semiconductor DS5002FP Datasheet HTML 18Page - Dallas Semiconductor DS5002FP Datasheet HTML 19Page - Dallas Semiconductor DS5002FP Datasheet HTML 20Page - Dallas Semiconductor DS5002FP Datasheet HTML 21Page - Dallas Semiconductor DS5002FP Datasheet HTML 22Page - Dallas Semiconductor DS5002FP Datasheet HTML 23Page - Dallas Semiconductor DS5002FP Datasheet HTML 24Page - Dallas Semiconductor DS5002FP Datasheet HTML 25Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
DS5002FP Secure Microprocessor Chip
25 of 25
REVISION HISTORY
REVISION
DESCRIPTION
112795
Original release.
073096
Change VCC02 specification from VLI - 0.5 to VLI - 0.65 (PCN F62501).
Update mechanical specifications.
111996
Change VCC01 from VCC - 0.3 to VCC - 0.35.
061297
PF signal moved from VOL2 test specification to VOL1. PCN No. (D72502).
AC characteristics for battery-backed SDI pulse specification added.
051499
Reduced absolute maximum voltage to VCC + 0.5V.
Added note clarifying storage temperature specification is for nonbattery-backed state.
Deleted IBAT specification (Duplicate of ILI specification).
Changed RRE min (industrial temp range) from 40kΩ to 30kΩ.
Changed VPFW max (industrial temp range) from 4.5V to 4.6V.
Added industrial specification for ILI.
Reduced tCE1HOV and tCEHDV from 10ns to 0ns.
052599
Minor revisions and approval.
062102
Update VCCO and ICCO1 specifications to reflect 0.45V internal voltage drop instead of 0.35V.
100102
Ordering information updated.
030403
Reset Trip Point in Stop Mode (DC Characteristics) with BAT = 3.0V was changed to 3.3V (original issue
was 3.3V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com