Electronic Components Datasheet Search
  English  ▼

X  

DS5002FP Datasheet(PDF) 23 Page - Dallas Semiconductor

Part # DS5002FP
Description  Secure Microprocessor Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5002FP Datasheet(HTML) 23 Page - Dallas Semiconductor

Back Button DS5002FP Datasheet HTML 17Page - Dallas Semiconductor DS5002FP Datasheet HTML 18Page - Dallas Semiconductor DS5002FP Datasheet HTML 19Page - Dallas Semiconductor DS5002FP Datasheet HTML 20Page - Dallas Semiconductor DS5002FP Datasheet HTML 21Page - Dallas Semiconductor DS5002FP Datasheet HTML 22Page - Dallas Semiconductor DS5002FP Datasheet HTML 23Page - Dallas Semiconductor DS5002FP Datasheet HTML 24Page - Dallas Semiconductor DS5002FP Datasheet HTML 25Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
DS5002FP Secure Microprocessor Chip
23 of 25
Figure 14. Connection to 64k x 8 SRAM
POWER MANAGEMENT
The DS5002FP monitors VCC to provide power-fail reset, early warning power-fail interrupt, and switchover to
lithium backup. It uses an internal bandgap reference in determining the switch points. These are called VPFW,
VCCMIN, and VLI respectively. When VCC drops below VPFW, the DS5002FP will perform an interrupt vector to location
2Bh if the power-fail warning was enabled. Full processor operation continues regardless. When power falls further
to VCCMIN, the DS5002FP invokes a reset state. No further code execution is performed unless power rises back
above VCCMIN. All decoded chip enables and the R/W signal go to an inactive (logic 1) state. VCC is still the power
source at this time. When VCC drops further to below VLI, internal circuitry switch to the lithium cell for power. The
majority of internal circuits will be disabled and the remaining nonvolatile states will be retained. Any devices
connected VCCO will be powered by the lithium cell at this time. VCCO is at the lithium battery voltage minus
approximately 0.45V (less a diode drop). This drop varies depending on the load. Low-power SRAMs should be
used for this reason. When using the DS5002FP, the user must select the appropriate battery to match the RAM
data retention current and the desired backup lifetime. Note that the lithium cell is only loaded when VCC < VLI. The
Secure Microcontroller User’s Guide has more information on this topic. The trip points VCCMIN and VPFW are listed
in the electrical specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com