Electronic Components Datasheet Search
  English  ▼

X  

DS5002FP Datasheet(PDF) 24 Page - Dallas Semiconductor

Part # DS5002FP
Description  Secure Microprocessor Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5002FP Datasheet(HTML) 24 Page - Dallas Semiconductor

Back Button DS5002FP Datasheet HTML 17Page - Dallas Semiconductor DS5002FP Datasheet HTML 18Page - Dallas Semiconductor DS5002FP Datasheet HTML 19Page - Dallas Semiconductor DS5002FP Datasheet HTML 20Page - Dallas Semiconductor DS5002FP Datasheet HTML 21Page - Dallas Semiconductor DS5002FP Datasheet HTML 22Page - Dallas Semiconductor DS5002FP Datasheet HTML 23Page - Dallas Semiconductor DS5002FP Datasheet HTML 24Page - Dallas Semiconductor DS5002FP Datasheet HTML 25Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
DS5002FP Secure Microprocessor Chip
24 of 25
SELECTOR GUIDE
PART
TEMP RANGE
MAX CLOCK
SPEED (MHz)
PIN-
PACKAGE
DS5002FP-16
0°C to +70°C
16
80 QFP
DS5002FPM-16
0°C to +70°C**
16
80 QFP
DS5002FP-16N
-40°C to +85°C**
16
80 QFP
DS5002FMN-16
-40°C to +85°C
16
80 QFP
**Internal Microprobe Shield
PACKAGE INFORMATION
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to
www.maxim-ic.com/DallasPackInfo.)
MM
DIM
MIN
MAX
A
—
3.40
A1
0.25
—
A2
2.55
2.87
B
0.30
0.50
C
0.13
0.23
D
23.70
24.10
D1
19.90
20.10
E
17.70
18.10
E1
13.90
14.10
e
0.80 BSC
L
0.65
0.95
56-G4005-001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com