Electronic Components Datasheet Search
  English  ▼

X  

DS5002FP Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS5002FP
Description  Secure Microprocessor Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5002FP Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS5002FP Datasheet HTML 14Page - Dallas Semiconductor DS5002FP Datasheet HTML 15Page - Dallas Semiconductor DS5002FP Datasheet HTML 16Page - Dallas Semiconductor DS5002FP Datasheet HTML 17Page - Dallas Semiconductor DS5002FP Datasheet HTML 18Page - Dallas Semiconductor DS5002FP Datasheet HTML 19Page - Dallas Semiconductor DS5002FP Datasheet HTML 20Page - Dallas Semiconductor DS5002FP Datasheet HTML 21Page - Dallas Semiconductor DS5002FP Datasheet HTML 22Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
DS5002FP Secure Microprocessor Chip
18 of 25
observe such relationships. Although it is very unlikely that an application program could be deciphered by
observing vector address relationships, the vector RAM eliminates this possibility. Note that the dummy accesses
mentioned above are conducted while fetching from vector RAM.
The vector RAM is automatically loaded with the user’s reset and interrupt vectors during bootstrap loading.
SECURITY LOCK
Once the application program has been loaded into the DS5002FP’s NV RAM, the security lock can be enabled by
issuing the “Z” command in the bootstrap loader. While the security lock is set, no further access to program/data
information is possible by the on-chip ROM. Access is prevented by both the bootstrap loader firmware and the
DS5002FP encryptor circuits.
Access to the NV RAM can only be regained by clearing the security lock by the “U” command in the bootstrap
loader. This action triggers several events, which defeat tampering. First, the encryption key is instantaneously
erased. Without the encryption key, the DS5002FP is no longer able to decrypt the contents of the RAM. Therefore,
the application software can no longer be correctly executed, nor can it be read back in its true form by the
bootstrap loader. Second, the vector RAM area is also instantaneously erased, so that the reset and vector
information is lost. Third, the bootstrap loader firmware sequentially erases the encrypted RAM area. Lastly, the
loader creates and loads a new random key.
The Security Lock bit itself is constructed using a multiple-bit latch which is interlaced for self-destruct in the event
of tampering. The lock is designed to set-up a “domino-effect” such that erasure of the bit will result in an
unstoppable sequence of events that clears critical data including Encryption Key and Vector RAM. In addition, this
bit is protected from probing by the top-coating feature mentioned below.
SELF-DESTRUCT INPUT
The self-destruct input (SDI) pin is an active-high input that is used to reset the security lock in response to an
external event. The SDI input is intended to be used with external tamper-detection circuitry. It can be activated
with or without operating power applied to the VCC pin. Activation of the SDI pin instantly resets the security lock
and causes the same sequence of events described above for this action. In addition, power is momentarily
removed from the byte-wide bus interface including the VCCO pin, resulting in the loss of data in external RAM.
TOP LAYER COATING
The DS5002FPM is provided with a special top-layer coating that is designed to prevent a probe attack. This
coating is implemented with second-layer metal added through special processing of the microcontroller die. This
additional layer is not a simple sheet of metal, but rather a complex layout that is interwoven with power and
ground, which are in turn connected to logic for the encryption key and the security lock. As a result, any attempt to
remove the layer or probe through it results in the erasure of the security lock and/or the loss of encryption key bits.
BOOTSTRAP LOADING
Initial loading of application software into the DS5002FP is performed by firmware within the on-chip bootstrap
loader communicating with a PC by the on-chip serial port in a manner that is almost identical to that for the
DS5001FP. The user should consult the DS5001FP data sheet as a basis of operational characteristics of this
firmware. Certain differences in loading procedure exist in order to support the security feature. These differences
are documented below. Table 1 summarizes the commands accepted by the bootstrap loader.
When the bootstrap loader is invoked, portions of the 128-byte scratchpad RAM area are automatically overwritten
with 0’s, and then used for variable storage for the bootstrap firmware. Also, a set of 8 bytes are generated using
the random number generator circuitry and are saved as a potential word for the 64-bit encryption key.
Any read or write operation to the DS5002FP’s external program/data SRAM can only take place if the security lock
bit is in a cleared state. Therefore, the first step in loading a program should be the clearing of the security lock bit
through the “U” command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com