Electronic Components Datasheet Search
  English  ▼

X  

DS5002FP Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS5002FP
Description  Secure Microprocessor Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5002FP Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS5002FP Datasheet HTML 6Page - Dallas Semiconductor DS5002FP Datasheet HTML 7Page - Dallas Semiconductor DS5002FP Datasheet HTML 8Page - Dallas Semiconductor DS5002FP Datasheet HTML 9Page - Dallas Semiconductor DS5002FP Datasheet HTML 10Page - Dallas Semiconductor DS5002FP Datasheet HTML 11Page - Dallas Semiconductor DS5002FP Datasheet HTML 12Page - Dallas Semiconductor DS5002FP Datasheet HTML 13Page - Dallas Semiconductor DS5002FP Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
DS5002FP Secure Microprocessor Chip
10 of 25
Figure 7. RPC Timing Mode
All parameters apply to both commercial and industrial temperature operation unless otherwise noted.
Note 1: All voltages are referenced to ground.
Note 2: Maximum operating ICC is measured with all output pins disconnected; XTAL1 driven with tCLKR, tCLKF = 10 ns, VIL = 0.5V; XTAL2
disconnected; RST = PORT0 = VCC, MSEL = VSS.
Note 3: Idle mode IIDLE is measured with all output pins disconnected; XTAL1 driven with tCLKR,tCLKF = 10ns, VIL = 0.5V; XTAL2 disconnected;
PORT0 = VCC, RST = MSEL = VSS.
Note 4: Stop mode ISTOP is measured with all output pins disconnected; PORT0 = VCC; XTAL2 not connected; RST = MSEL = XTAL1 = VSS.
Note 5: Pin capacitance is measured with a test frequency: 1MHz, TA = +25°C.
Note 6: ICCO1 is the maximum average operating current that can be drawn from VCCO in normal operation.
Note 7: ILI is the current drawn from VLI input when VCC = 0V and VCCO is disconnected. Battery-backed mode is 2.5V
£ VBAT £ 4.0; VCC £ VBAT;
VSDI should be
£ VILS for IBAT max.
Note 8: VCCO2 is measured with VCC < VLI, and a maximum load of 10 µA on VCCO.
Note 9: Crystal startup time is the time required to get the mass of the crystal into vibrational motion from the time that power is first applied to
the circuit until the first clock pulse is produced by the on-chip oscillator. The user should check with the crystal vendor for a worst
case specification on this time.
Note 10: SDI is deglitched to prevent accidental destruction. The pulse must be longer than tSPR to pass the deglitcher, but SDI is not
guaranteed unless it is longer than tSPA.
Note 11: VIHS minimum is 2.0V or VCCO, whichever is lower.
Note 12: This parameter applies to industrial temperature operation.
Note 13:
PF pin operation is specified with VBAT ³ 3.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com