Electronic Components Datasheet Search
  English  ▼

X  

MA28140 Datasheet(PDF) 32 Page - Dynex Semiconductor

Part # MA28140
Description  Packet Telecommand Decoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28140 Datasheet(HTML) 32 Page - Dynex Semiconductor

Back Button MA28140 Datasheet HTML 28Page - Dynex Semiconductor MA28140 Datasheet HTML 29Page - Dynex Semiconductor MA28140 Datasheet HTML 30Page - Dynex Semiconductor MA28140 Datasheet HTML 31Page - Dynex Semiconductor MA28140 Datasheet HTML 32Page - Dynex Semiconductor MA28140 Datasheet HTML 33Page - Dynex Semiconductor MA28140 Datasheet HTML 34Page - Dynex Semiconductor MA28140 Datasheet HTML 35Page - Dynex Semiconductor MA28140 Datasheet HTML 36Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
MA28140
32/72
The sample signals FAR1S and FAR2S should be
asserted to fetch the 32 bits of FAR. CPDUS, FAR1S, FAR2S,
AUS1S and AU2S cannot be asserted simultaneously. If
CPDUS, FAR1S, FAR2S, AUS1S and AU2S are not asserted,
activating the TMC signal will generate invalid data on the
TMD output. If the FAR status report interface is not used, the
FAR1S and FAR2S signals should be connected to VDD.
Figure 14 describes the FAR telemetry serial interface.
Serial AU Status Interface in 5 Samples Mode
The 80 bit Authentication Unit Status report can be
retrieved through this interface. It is possible for an application
to use either a serial or a parallel interface to read out this
status report. The serial or parallel mode is selected with the
PAR configuration pin of the PTD (ee section 5.4). The serial
interface in 5 samples mode is implemented with 4 signal lines:
• AU1S: first status sample input,
• AU2S: second status sample input,
• TMC: status clock input, is also used for CPDUS and
FAR.
• TMD: status data output, is also used for CPDUS and
FAR.
When AU1S is asserted, the pointer for reading out data
with AU2S is reset to the second octet of the report. The
sample signals AU1S and AU2S should be asserted as
described in Figure 15 to fetch the 80 bits of AUS report.
CPDUS, FAR1S, FAR2S, AUS1S and AU2S cannot be
asserted simultaneously. If CPDUS, FAR1S, FAR2S, AUS1S
and AU2S are not asserted, activating the TMC signal will
generate invalid data on the TMD output. If the AU status
report interface is not used, the AU1S and AU2S signals
should be connected to VDD.
Figure 15 describes the AUS telemetry serial interface.
Serial CPDU, FAR, AU Status Interface in 2
Samples Mode
The 16 bit Command Pulse Distribution Unit status report,
the 32 bit Frame Analysis report and the 80 bit Authentication
Unit status report can be retrieved through this interface. The
serial interface in 2 samples mode is implemented with 4
signal lines:
• CPDUS: first status sample input,
• FAR1S: second status sample input,
• TMC: status clock input,
• TMD: status data output.
Note: The 0 bit is the MSB and is transmitted first.
Figure 14: FAR Telemetry Serial Interface
FAR1S
FAR2S
TMC
TMD
PTD
APPLICATION
Telemetry
System
PAR = 0
FAR Status Report Serial Interface
0
1 2 3 4 5
6 7
8
9 10 11 12 13 14 15
16
17 18 19 20 21 22 23
24
25 26 27 28 29 30 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com